Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL663-07 Datasheet(PDF) 11 Page - PhaseLink Corporation

Part # PL663-07
Description  Analog Frequency Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL663-07 Datasheet(HTML) 11 Page - PhaseLink Corporation

Back Button PL663-07 Datasheet HTML 7Page - PhaseLink Corporation PL663-07 Datasheet HTML 8Page - PhaseLink Corporation PL663-07 Datasheet HTML 9Page - PhaseLink Corporation PL663-07 Datasheet HTML 10Page - PhaseLink Corporation PL663-07 Datasheet HTML 11Page - PhaseLink Corporation PL663-07 Datasheet HTML 12Page - PhaseLink Corporation PL663-07 Datasheet HTML 13Page - PhaseLink Corporation PL663-07 Datasheet HTML 14Page - PhaseLink Corporation PL663-07 Datasheet HTML 15Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 11
CMOS ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
At 100MHz, load=15pF
32
40
mA
Operating Supply Voltage
VDD
2.25
3.63
V
Output High Voltage (LVTTL)
VOH3.3
IOH = -8.5mA, 3.3V Supplies
2.4
V
Output Low Voltage (LVTTL)
VOL3.3
IOL = 8.5mA, 3.3V Supplies
0.4
V
Output High Voltage (LVCMOS)
VOHC3.3
IOH = -4mA, 3.3V Supplies
VDD – 0.4
V
Output High Voltage
VOH2.5
IOH = 1mA, 2.5V Supplies
VDD – 0.2
V
Output Low Voltage
VOL2.5
IOL = 1mA, 2.5V Supplies
0.2
V
Output drive current
IOSD
VOL = 0.4V, VOH = 2.4V
(per output)
8.5
mA
Output Clock Rise/Fall Time
Tr/Tf
10% ~ 90% VDD with 10 pF
load
1.2
1.6
ns
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
Short Circuit Current
IS
±50
mA


Similar Part No. - PL663-07

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL6 DBLECTRO-PL6 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
List of Unclassifed Man...
PL60 ETC1-PL60 Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL60 EDI-PL60 Datasheet
37Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
Micrel Semiconductor
PL600-27T MICREL-PL600-27T Datasheet
358Kb / 7P
   Low Power 3 Output XO
PL600-27TSC MICREL-PL600-27TSC Datasheet
358Kb / 7P
   Low Power 3 Output XO
More results

Similar Description - PL663-07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com