Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2511 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2511
Description  Low-Voltage IF Transceiver with Limiter and RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2511 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2511_97 Datasheet HTML 6Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 7Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 8Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 9Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 10Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 11Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 12Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 13Page - Maxim Integrated Products MAX2511_97 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Low-Voltage IF Transceiver
with Limiter and RSSI
10
______________________________________________________________________________________
_______________Detailed Description
The following sections describe each of the blocks
shown in Figure 1.
Receiver
The receiver consists of two basic blocks: the image-
reject downconverter mixer and the limiter/RSSI section.
The receiver inputs are the RXIN, RXIN pins, which
should be AC coupled and may require a matching net-
work, as shown in the
Typical Operating Circuit. To
design a matching network for a particular application,
refer to the
Applications Information section and the
receiver input impedance plots in the
Typical Operating
Characteristics.
Image-Reject Mixer
The downconverter is implemented using an image-
reject mixer consisting of an input buffer with dual out-
puts, each of which is fed to a double-balanced mixer.
The LO signal is generated by an on-chip oscillator and
an external tank circuit. The buffered oscillator signal
drives a quadrature phase generator that provides two
outputs with 90° of phase shift between them. This pair
of LO signals is fed to the two receive mixers. The
mixer’s outputs are then passed through a pair of
phase shifters, which provide 90° of phase shift across
their outputs. The resulting two signals are then
summed together. The final phase relationship is such
that the desired signal is reinforced, and the image sig-
nal is largely canceled. The downconverter mixer’s
RXIN
RXIN
VREF = VCC / 2
90°
MIXOUT
LIMIN
VREF
CZ
CZ
IF BPF
LIMITER
LIMOUT
RSSI
RXEN
TXEN
LIMOUT
VGA
OFFSET
CORRECTION
RECEIVE IMAGE-REJECT MIXER
TRANSMIT IMAGE-REJECT MIXER AND VGA/PA
Σ
Σ
RSSI
90°
TANK
TANK
OSCOUT
TXOUT
PA
VGA
TXOUT
90°
LO PHASE
SHIFTER
TXIN
TXIN
GC
VOLTAGE GAIN
AND BIAS CONTROL
BIAS
GM
MAX2511
Figure 1. Functional Diagram


Similar Part No. - MAX2511_97

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2511EVKIT-SO MAXIM-MAX2511EVKIT-SO Datasheet
132Kb / 8P
   Evaluation Kit
1997
MAX2511 MAXIM-MAX2511_1 Datasheet
132Kb / 8P
   Evaluation Kit
1997
More results

Similar Description - MAX2511_97

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
MAX2510 MAXIM-MAX2510 Datasheet
126Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
19-1296; Rev 1; 1/98
logo
Analog Devices
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
KA8514 SAMSUNG-KA8514 Datasheet
105Kb / 5P
   FM IF RECEIVER WITH RSSI
logo
NXP Semiconductors
SA636 NXP-SA636 Datasheet
2Mb / 32P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
   Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com