Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C120DZRAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1206C120DZRAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C120DZRAC Datasheet(HTML) 4 Page - Kemet Corporation

  C1206C120DZRAC Datasheet HTML 1Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 2Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 3Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 4Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 5Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 6Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 7Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 8Page - Kemet Corporation C1206C120DZRAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP / HIGH VOLTAGE
C
0805
C
102
K
C
R
A
C
Style
C - Ceramic
Chip Size
0805; 1206; 1210; 1808;
1812; 1825; 2220; 2225
Specification
C - Standard
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
(Use “8” for 0.1 through .99 pF)
Capacitance Tolerance
C = ±0.25pF*
J = ±5%
D = ±0.5pF*
K = ±10%
F = ±1%*
M = ±20%
G = ±2%*
* Contact KEMET Sales for availability.
Voltage
C = 500V
G = 2000V
D = 1000V
Z = 2500V
F = 1500V
H = 3000V
Temperature Characteristic
Designated by Capacitance
Change over Temperature Range
G – (C0G) (±30ppm/C) (-55°C +125°C)
R – X7R (±15%) (-55°C +125°C)
End Metallization
C = Standard
Failure Rate Level
A = Not Applicable
Capacitor Ordering Information
Property
Specification
Capacitance
C0G: 1 pF to 0.010 µF
X7R: 10 pf to 0.22 µF
25°C, 1.0 ± 0.2 Vrms, 1 kHz (1 MHz for
≤ 1000 pF (C0G only)
Cap Tolerance
C0G: C*, D*, F*, G*, J, K, M
* Contact KEMET Sales for availability.
X7R: J, K, M
DF
C0G: 0.1% Max
X7R: 2.5% Max
Voltage Ratings
500 V, 1000 V, 1500 V, 2000 V, 2500 V, 3000 V
Operating Temperature Range
From -55C to +125C
25ºC IR @ 500V
100 G
Ω or 1000 MΩ-µF, whichever is less
125ºC IR @ 500V
10 G
Ω or 100 MΩ-µF, whichever is less
-55ºC TCC
+125ºC TCC
X7R: + 15%
C0G: + 30 ppm / ºC
Dielectric Strength
150% of Rated Voltage for Rated Voltage <1000 V
120% of Rated Voltage for Rated Voltage >=1000V
Ripple Current
Consult KEMET Sales Representative
Electrical Parameters
Marking
These chips are supplied unmarked. If required, they can be supplied LASER-marked at an extra cost.
Packaging
KEMET High Voltage Surface Mount MLCC are available packaged in tape and reel configuration, or bulk
Soldering Process
The 0805 and 1206 case sizes are suitable for either reflow or wave soldering processes. Sizes 1210 and
larger should be limited to reflow soldering only. All sizes incorporate the standard KEMET barrier layer of
pure nickel with an overplating of pure tin (Sn) for excellent solderability and resistance to solder leaching of
Recommended Solder Pad Dimensions
the termination.
bag as outlined on page 8
3. Please consult factory for waffle packaging options.
Details on the marking format is located on page 9
7.
mm
in.
mm
in.
mm
in.
mm
in.
0805
3.30
0.130
0.70
0.028
1.60
0.063
1.30
0.051
1206
4.50
0.177
1.50
0.059
2.00
0.079
1.50
0.059
1210
4.50
0.177
1.50
0.059
2.90
0.114
1.50
0.059
1808
5.90
0.232
2.30
0.091
2.40
0.094
1.80
0.071
1812
5.90
0.232
2.30
0.091
3.70
0.146
1.80
0.071
1825
5.90
0.232
2.30
0.091
6.90
0.272
1.80
0.071
2220
7.00
0.276
3.30
0.130
5.50
0.217
1.85
0.073
2225
7.00
0.276
3.30
0.130
6.80
0.268
1.85
0.073
L (Pad Length)
Chip Size
T (Total Length)
S (Separation
W (Pad Width)
pF
From -55ºC to +125ºC
CAPACITOR ORDERING INFORMATION
ELECTRICAL PARAMETERS
MARKING
PACKAGING
SOLDERING PROCESS
RECOMMENDED SOLDER PAD DIMENSIONS
Style
Chip Size
Specification
Capacitance Code, pF
Capacitance Tolerance
Voltage
Temperature Characteristic
Failure Rate Level
End Metallization
84


Similar Part No. - C1206C120DZRAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1206C1201GAC ETC2-C1206C1201GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C1202GAC ETC2-C1206C1202GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C1205GAC ETC2-C1206C1205GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C1206C120J5GACAUTO KEMET-C1206C120J5GACAUTO Datasheet
59Kb / 1P
   SMD Auto C0G, Ceramic, 12 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1206
C1206C120J5GACTU KEMET-C1206C120J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 12 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C1206C120DZRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com