Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-08QCL Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL560-08QCL
Description  Analog Frequency Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-08QCL Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL560-08QCL Datasheet HTML 1Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 2Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 3Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 4Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 5Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 6Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 7Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 8Page - PhaseLink Corporation PL560-08QCL Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Analog Frequency Multiplier
PL560-xx VCXO Family
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:02-09-07 Page 4
CRYSTAL SPECIFICATIONS AND BOARD LAYOUT CONSIDERATIONS
BOARD LAYOUT CONSIDERATIONS
To minimize parasitic effects, and improve performance:
Place the crystal as close as possible to the IC.
Make the board traces that are connected to the crystal pins symmetrical.
The board trace symmetry is important, as it reduces the negative parasitic effects to produce a clean frequency multiplication with
low jitter. Parasitic effects reduce frequency pulling of the VCXO and increase jitter.
CRYSTAL SPECIFICATIONS & TUNING PERFORMANCE
CRYSTAL SPECIFICATIONS
TUNING PERFORMANCE
CL (xtal)
ESR
(RE)
CRYSTAL
TUNING (Typical)
PART
NUMBER
CRYSTAL
RESONATOR
FREQUENCY
(FXIN)
MODE
CONDI-
TIONS
TYP.
Max.
CRYSTAL
FREQ
(MHz)
C0
C1
C0/C1
VC:
1.65V
0V
VC:
1.65V
3.4V
155.52
3.0pF
12.2fF
245
-145 ppm
+108 ppm
PL560-08/09
PL560-68/69
75~200MHz
Funda-
mental
At
VCON
=
1.65V
5pF
30 Ω
155.52
1.8pF
5.7fF
316
-134 ppm
+87 ppm
30.72
2.8pF
12.4fF
228
-167ppm
+176 ppm
30.72
4.5pF
19.1fF
236
-163 ppm
+167 ppm
38.88
5.1pF
20.9fF
242
-131 ppm
+98 ppm
38.88
5.3pF
25.6fF
207
-157 ppm
+141 ppm
PL560-
37/38/39
PL560-
47/48/49
30~80MHz
Funda-
mental
At
VCON
=
1.65V
5pF
30 Ω
77.76
2.0pF
6.7fF
305
-92 ppm
+110 ppm
Note:
Non specified parameters can be chosen as standard values from crystal suppliers.
CL ratings larger than 5pF require a crystal frequency adjustment. Request detailed crystal specifications from PhaseLink.
XTAL
XTAL
Ceramic
SMD
AFM IC
XIN (Pin # 4)
XOUT (Pin # 5)
AFM IC
XIN (Pin # 4)
XOUT (Pin # 5)


Similar Part No. - PL560-08QCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
More results

Similar Description - PL560-08QCL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com