Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P602-00DC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P602-00DC
Description  Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P602-00DC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P602-00DC Datasheet HTML 1Page - PhaseLink Corporation P602-00DC Datasheet HTML 2Page - PhaseLink Corporation P602-00DC Datasheet HTML 3Page - PhaseLink Corporation P602-00DC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL602-00
Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Integrated crystal oscillator circuitry (XO).
• Low phase noise (-135dBc @ 10kHz offset)
selectable frequency multipliers (x1, x2, x4, x8
as bonding options).
• 3.3V supply voltage.
• Uses inexpensive fundamental-mode parallel
resonant crystals (from 12 to 25MHz).
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• Available in DIE (65 mil x 62 mil).
DESCRIPTION
The PLL602-00 is a monolithic low jitter and low
phase noise (-135dBc @10kHz offset), high
performance CMOS XO IC. This flexible device can
be used as a XO with output frequencies ranging
from FXIN x 1 to FXIN x 8 thanks to selector pads
allowing bonding options (see Divider Selection
Table on this page). This makes the PLL602-00 ideal
for a wide range of applications from 12MHz to
200MHz (including 50MHz, 77.76MHz, 125MHz and
155.52MHz, etc.).
BLOCK DIAGRAM
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
DIE CONFIGURATION
MULTIPLIER SELECTION
SELECTION
S2
S1
S0
FXIN
CLK (MHz)
0
0
0
FXIN x 2
0
0
1
FXIN x 4
0
1
0
FXIN x 1
1
0
0
FXIN x 8
0
1
1
FXIN x 2*
1
1
0
FXIN x 4*
1
0
1
FXIN x 1*
1
1
1
12MHz – 25MHz
FXIN x 8*
Note: - Selector pads default to ‘0’, wire bond to VDD to set to ‘1’
- (*) High-drive CMOS output
PAD DESCRIPTION
Name
Number
Description
XIN
27
Crystal input connection.
XOUT
29
Crystal connection.
GND
7,10
Ground.
CLK
13
Clock Output.
S[0:2]
18,19,20
Frequency selection pad
VDD
21,22,23
3.3V Power Supply.
OE
25
Output Enable: ‘0’ to disable (tri-
state output), 1’ (default value
when not connected) to enabled
the output.
XIn
XO
CLK
Selectable
PLL
XOut
S[0:2]
18
19
20
21
23
25
7
13
10
27
29
Y
X
(0,0)
(1550,1475)
65 mil
GND
CLK
XOUT
XIN
Die ID:
A0303-03H
C502A
Note:
^ denotes internal pull up
V denotes internal pull down


Similar Part No. - P602-00DC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P602-01HOC PLL-P602-01HOC Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
P602-01HSC PLL-P602-01HSC Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
P602-01OC PLL-P602-01OC Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
P602-01SC PLL-P602-01SC Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
P602-04HOC PLL-P602-04HOC Datasheet
201Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
More results

Similar Description - P602-00DC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
logo
PhaseLink Corporation
PLL502-00 PLL-PLL502-00 Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-50 PLL-PLL502-50 Datasheet
181Kb / 4P
   VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
   96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
logo
PhaseLink Corporation
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
logo
LOGIC Devices Incorpora...
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com