Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1250MJ8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1250MJ8
Description  Very Low Noise Zero-Drift Bridge Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1250MJ8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1250MJ8 Datasheet HTML 1Page - Linear Technology LTC1250MJ8 Datasheet HTML 2Page - Linear Technology LTC1250MJ8 Datasheet HTML 3Page - Linear Technology LTC1250MJ8 Datasheet HTML 4Page - Linear Technology LTC1250MJ8 Datasheet HTML 5Page - Linear Technology LTC1250MJ8 Datasheet HTML 6Page - Linear Technology LTC1250MJ8 Datasheet HTML 7Page - Linear Technology LTC1250MJ8 Datasheet HTML 8Page - Linear Technology LTC1250MJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1250
3
1250fb
LTC1250M
LTC1250C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
fS
Internal Sampling Frequency
TA = 25°C
4.75
4.75
kHz
VOS
Input Offset Voltage
TA = 25°C (Note 2)
±2
±5
±2
±5
µV
∆VOS
Average Input Offset Drift
(Note 2)
±0.01
±0.05
±0.01
±0.05
µV/°C
en
Input Noise Voltage (Note 3)
TA = 25°C, 0.1Hz to 10Hz
1.0
1.0
µVP-P
TA = 25°C, 0.1Hz to 1Hz
0.3
0.3
µVP-P
IB
Input Bias Current
TA = 25°C (Note 4)
±20
±100
±20
±100
pA
IOS
Input Offset Current
TA = 25°C (Note 4)
±40
±200
±40
±200
pA
Maximum Output Voltage Swing
RL = 1k
4.0
4.3
4.0
4.3
V
RL = 100k
4.95
4.95
V
IS
Supply Current
TA = 25°C
1.8
2.5
1.8
2.5
mA
fS
Sampling Frequency
TA = 25°C
3
3
kHz
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TOTAL SUPPLY VOLTAGE, V+ TO V(V)
4
2
3
4
68
10
12
1250 G03
5
6
14
16
TA = 25°C
TOTAL SUPPLY VOLTAGE, V+ TO V(V)
4
0
0.5
1.0
1.5
2.0
68
10
12
1250 G02
2.5
3.0
3.5
4.0
14
16
TA = 25°C
TOTAL SUPPLY VOLTAGE, V+ TO V(V)
4
0
0.2
0.4
0.6
0.8
68
10
12
1250 G01
1.0
1.2
1.4
1.6
14
16
TA = 25°C
0.1Hz TO 10Hz
0.1Hz TO 1Hz
Sampling Frequency vs Supply
Voltage
Supply Current vs Supply Voltage
Input Noise vs Supply Voltage
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels during automated testing.
Note 3: 0.1Hz to 10Hz noise is specified DC coupled in a 10s window;
0.1Hz to 1Hz noise is specified in a 100s window with an RC high-pass
filter at 0.1Hz. The LTC1250 is sample tested for noise; for 100% tested
parts contact LTC Marketing Dept.
Note 4: At T ≤ 0°C these parameters are guaranteed by design and not
tested.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, VIN = ±5V, otherwise specifications are at TA


Similar Part No. - LTC1250MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1250MJ8 LINER-LTC1250MJ8 Datasheet
258Kb / 8P
   Very Low Noise Zero-Drift Bridge Amplifier
More results

Similar Description - LTC1250MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1250 LINER-LTC1250_15 Datasheet
185Kb / 12P
   Very Low Noise Zero-Drift Bridge Amplifier
LTC1250 LINER-LTC1250 Datasheet
258Kb / 8P
   Very Low Noise Zero-Drift Bridge Amplifier
logo
Analog Devices
LTC2058 AD-LTC2058 Datasheet
1Mb / 28P
   36V, Low Noise Zero-Drift Operational Amplifier
logo
Linear Technology
LTC2057 LINER-LTC2057 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057 LINER-LTC2057_15 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HV LINER-LTC2057HV_15 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Linear Dimensions Semic...
LTC2057 LINEAR_DIMENSIONS-LTC2057 Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
   Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
NCS333 ONSEMI-NCS333_16 Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com