Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1257IS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1257IS8
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257IS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1257IS8 Datasheet HTML 4Page - Linear Technology LTC1257IS8 Datasheet HTML 5Page - Linear Technology LTC1257IS8 Datasheet HTML 6Page - Linear Technology LTC1257IS8 Datasheet HTML 7Page - Linear Technology LTC1257IS8 Datasheet HTML 8Page - Linear Technology LTC1257IS8 Datasheet HTML 9Page - Linear Technology LTC1257IS8 Datasheet HTML 10Page - Linear Technology LTC1257IS8 Datasheet HTML 11Page - Linear Technology LTC1257IS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1257
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)


Similar Part No. - LTC1257IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1257IS8 LINER-LTC1257IS8 Datasheet
260Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
More results

Similar Description - LTC1257IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1257 LINER-LTC1257 Datasheet
260Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC1257 LINER-LTC1257_15 Datasheet
206Kb / 12P
   Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
   Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Linear Technology
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com