Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8678 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8678
Description  White LED Charge Pump with 1.1W Audio Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8678 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8678 Datasheet HTML 5Page - Maxim Integrated Products MAX8678 Datasheet HTML 6Page - Maxim Integrated Products MAX8678 Datasheet HTML 7Page - Maxim Integrated Products MAX8678 Datasheet HTML 8Page - Maxim Integrated Products MAX8678 Datasheet HTML 9Page - Maxim Integrated Products MAX8678 Datasheet HTML 10Page - Maxim Integrated Products MAX8678 Datasheet HTML 11Page - Maxim Integrated Products MAX8678 Datasheet HTML 12Page - Maxim Integrated Products MAX8678 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Serial-Pulse Gain Adjustment (ENAMP)
The audio amplifier has an internal gain adjustment,
controlled by a serial-pulse interface. The gain setting
of the input amplifier is adjustable from -9dB to +18dB
in 3dB steps. This allows the amplifier to be used for
both hands-free and for receiver mode, without any
external components.
Driving ENAMP high turns on the amplifier and sets the
internal register to -9dB. Adjust the gain by pulsing
ENAMP low (500ns to 500µs pulse width). Each rising
edge sets the gain as shown in Table 3. Once the
desired setting is reached, hold ENAMP high for at
least 3.2ms to set the internal register and change the
gain. To set a new current level, repeat the previous
sequence from the beginning. To shut down the ampli-
fier, hold ENAMP low for at least 3.2ms. Figure 3 is a
timing diagram for ENAMP.
Applications Information
BTL Amplifier
The MAX8678 is designed to drive a load differentially,
a configuration referred to as bridge-tied load (BTL).
The BTL configuration offers advantages over the sin-
gle-ended configuration, where one side of the load is
connected to ground. Driving the load differentially
doubles the output voltage, thus quadrupling output
power compared to a single-ended amplifier under
similar configurations.
Since the differential outputs are biased at midsupply,
there is no net DC voltage across the load. This elimi-
nates the need for DC-blocking capacitors required for
single-ended amplifiers. These capacitors can be
large, expensive, consume board space, and degrade
low-frequency performance.
White LED Charge Pump with
1.1W Audio Amplifier
10
______________________________________________________________________________________
OPTIONAL FILTER
CAPACITORS
DIFFERENTIAL
AUDIO INPUT
MONO
CLASS AB
AUDIO AMP
EARPIECE /
LOUDSPEAKER
RIN
RIN
A+
A-
OUT+
OUT-
MAX8678
Figure 4. Differential Audio Input with Optional Filter Capacitors
SINGLE-ENDED
AUDIO INPUT
MONO
CLASS AB
AUDIO AMP
EARPIECE /
LOUDSPEAKER
RIN
RIN
A+
A-
OUT+
OUT-
MAX8678
NOTE: FILTER CAPACITORS REQUIRED FOR SINGLE-ENDED AUDIO OUTPUT.
Figure 5. Single-Ended Audio Input
RIN (k
Ω)
ENAMP
RISING
EDGES
GAIN
SETTING
(dB)
MIN
TYP
MAX
1
-9
69.1
99.0
140.0
2
-6
62.4
89.2
116.0
3
-3
54.9
78.4
102.0
4
0
46.8
66.9
87.0
5
3
38.8
55.5
72.1
6
6
31.3
44.7
58.1
7
9
24.6
35.1
45.6
8
12
18.8
26.9
35.0
9
15
14.1
20.2
26.2
10
18
10.5
15.0
19.5
Table 3. Audio Amplifier-Input Impedance


Similar Part No. - MAX8678

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8678EVKIT MAXIM-MAX8678EVKIT Datasheet
154Kb / 8P
   MAX8678 Evaluation Kit
Rev 0; 3/08
More results

Similar Description - MAX8678

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Maxim Integrated Produc...
MAX8821 MAXIM-MAX8821 Datasheet
902Kb / 29P
   White LED Charge Pump with Mono Class D Audio Amp and Dual LDO
Rev 0; 10/07
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com