Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1388 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1388
Description  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1388 Datasheet HTML 2Page - NXP Semiconductors TDA1388 Datasheet HTML 3Page - NXP Semiconductors TDA1388 Datasheet HTML 4Page - NXP Semiconductors TDA1388 Datasheet HTML 5Page - NXP Semiconductors TDA1388 Datasheet HTML 6Page - NXP Semiconductors TDA1388 Datasheet HTML 7Page - NXP Semiconductors TDA1388 Datasheet HTML 8Page - NXP Semiconductors TDA1388 Datasheet HTML 9Page - NXP Semiconductors TDA1388 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1996 Jul 17
6
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388
FUNCTIONAL DESCRIPTION
The TDA1388 CMOS DAC incorporates an up-sampling
digital filter, a sample-and-hold register, a noise shaper,
continuously calibrated current sources, line amplifiers
and headphone amplifiers. The 1fs input data is increased
to an oversampled rate of 64fs. This high-rate
oversampling, together with the 5-bit DAC, enables the
filtering required for waveform smoothing and out-of-band
noise reduction to be achieved by simple 1st-order analog
post-filtering.
System clock
The TDA1388 accommodates slave mode only, this
means that in all applications the system devices must
provide the system clock. The system frequency is
selectable. The options are 256fs and 384fs. The system
clock must be locked in frequency to the I2S-bus input
signals.
Table 1
System clock selection
Multiple format input interface
The TDA1388 supports the following data input formats;
• I2S-bus with data word length of up to 20 bits.
• LSB justified serial format with data word length of
16, 18 or 20 bits.
SYSSEL
DESCRIPTION
0
256fs
1
384fs
Table 2
Data input formats
The input formats are illustrated in Fig.3. Left and right
data-channel words are time multiplexed.
Input mode
The TDA1388 has two input modes, a static-pin mode and
a microcontroller mode. In the static-pin mode, the digital
sound processing features such as mute left, mute right
and de-emphasis are controlled by external pins.
The other digital sound processing features have a default
value. In the microcontroller mode, all the digital sound
processing features can be controlled by the
microcontroller. The controllable features are:
• De-emphasis
• Volume left channel
• Volume right channel
• Flat/min/max switch
• Bass boost
• Treble
• Channel manipulation modes.
The selection of one of the two modes is controlled by the
ACP pin. When this pin is at logic 0 then the static pin
mode will be selected. When the pin is at logic 1 then the
microcontroller mode will be selected.
IF1
IF2
FORMAT
00
I2S-bus
0
1
LSB-justified, 16 bits
1
0
LSB-justified, 18 bits
1
1
LSB-justified, 20 bits
Table 3
Selectable values of the digital sound processing features
FEATURES
STATIC-PIN MODE
MICROCONTROLLER MODE
De-emphasis
0 Hz or 44.1 kHz
0 Hz or 44.1 kHz
Volume left channel
0 dB (fixed)
0 dB to
−∞ dB
Volume right channel
0 dB (fixed)
0 dB to
−∞ dB
Flat/min/max switch
flat (fixed)
flat/min/max
Bass boost
flat set (fixed)
flat, min or max set
Treble
flat set (fixed)
flat, min or max set
Mute left channel
external pin
selectable (see Table 4)
Mute right channel
external pin
selectable (see Table 4)
Channel manipulation modes
L_CHANNEL = L (fixed)
selectable (see Table 10)
R_CHANNEL = R (fixed)


Similar Part No. - TDA1388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1388TZ PHILIPS-TDA1388TZ Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results

Similar Description - TDA1388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com