Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1510AQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1510AQ
Description  24 W BTL or 2 x 12 W stereo car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1510AQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1510AQ Datasheet HTML 2Page - NXP Semiconductors TDA1510AQ Datasheet HTML 3Page - NXP Semiconductors TDA1510AQ Datasheet HTML 4Page - NXP Semiconductors TDA1510AQ Datasheet HTML 5Page - NXP Semiconductors TDA1510AQ Datasheet HTML 6Page - NXP Semiconductors TDA1510AQ Datasheet HTML 7Page - NXP Semiconductors TDA1510AQ Datasheet HTML 8Page - NXP Semiconductors TDA1510AQ Datasheet HTML 9Page - NXP Semiconductors TDA1510AQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
January 1992
6
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 W stereo car radio
power amplifier
TDA1510AQ
A.C. CHARACTERISTICS
Tamb =25 °C; VP = 14,4 V; f = 1 kHz; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Bridge Tied Load application (BTL)
Output power
with bootstrap
note 6;
RL = 4 Ω
VP = 13,2 V
dtot = 0,5%
Po
15,0
W
dtot = 10%
Po
20,0
W
VP = 14,4 V
dtot = 0,5%
Po
15,5
18,0
W
dtot = 10%
Po
20,0
24,0
W
Open loop voltage gain
Go
75
dB
Closed loop voltage gain
note 2
Gc
39,5
40,0
40,5
dB
Frequency response
at
−3 dB; note 3
fr
20 to > 20 k
Hz
Input impedance
note 4
|Zi|1
−−
M
Noise output voltage
(r.m.s. value)
f = 20 Hz to
20 kHz
RS = 0 Ω
Vn (rms)
0,2
mV
RS = 10 Ω
Vn (rms)
0,35
0,8
mV
RS = 10 kΩ;
according to
IEC 179 curve A
Vn (rms)
0,25
mV
Supply voltage ripple rejection
f = 100 Hz; note 5
SVRR
42
50
dB
D.C. output offset voltage between
channels
|
∆V
5-9|
250
mV
Power bandwidth
−1 dB;
dtot = 0,5%
B
30 to > 40 k
Hz


Similar Part No. - TDA1510AQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1514 PHILIPS-TDA1514 Datasheet
74Kb / 10P
   50 W high performance hi-fi amplifier
May 1992
TDA1514A PHILIPS-TDA1514A Datasheet
74Kb / 10P
   50 W high performance hi-fi amplifier
May 1992
More results

Similar Description - TDA1510AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com