Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2415 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2415
Description  24-Bit No Latency ADCs with Differential Input and Differential Reference
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2415 Datasheet(HTML) 3 Page - Linear Technology

  LTC2415 Datasheet HTML 1Page - Linear Technology LTC2415 Datasheet HTML 2Page - Linear Technology LTC2415 Datasheet HTML 3Page - Linear Technology LTC2415 Datasheet HTML 4Page - Linear Technology LTC2415 Datasheet HTML 5Page - Linear Technology LTC2415 Datasheet HTML 6Page - Linear Technology LTC2415 Datasheet HTML 7Page - Linear Technology LTC2415 Datasheet HTML 8Page - Linear Technology LTC2415 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC2415/LTC2415-1
3
sn2415 24151fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
q
GND – 0.3V
VCC + 0.3V
V
IN
Absolute/Common Mode INVoltage
q
GND – 0.3V
VCC + 0.3V
V
VIN
Input Differential Voltage Range
q
–VREF/2
VREF/2
V
(IN+ – IN)
REF+
Absolute/Common Mode REF+ Voltage
q
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
q
GND
VCC – 0.1V
V
VREF
Reference Differential Voltage Range
q
0.1
VCC
V
(REF+ – REF)
CS (IN+)IN+ Sampling Capacitance
18
pF
CS (IN)INSampling Capacitance
18
pF
CS (REF
+)REF+ Sampling Capacitance
18
pF
CS (REF
)REFSampling Capacitance
18
pF
IDC_LEAK (IN
+)IN+ DC Leakage Current
CS = VCC, IN
+ = GND
q
–10
1
10
nA
IDC_LEAK (IN)INDC Leakage Current
CS = VCC, IN= GND
q
–10
1
10
nA
IDC_LEAK (REF+)REF+ DC Leakage Current
CS = VCC, REF+ = 5V
q
–10
1
10
nA
IDC_LEAK (REF)REFDC Leakage Current
CS = VCC, REF= GND
q
–10
1
10
nA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CO VERTER CHARACTERISTICS
A ALOG I PUT A D REFERE CE
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
140
dB
60Hz
±2% (LTC2415)
GND
≤ IN= IN+ ≤ VCC, (Note 7)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
140
dB
50Hz
±2% (LTC2415)
GND
≤ IN= IN+ ≤ VCC, (Note 8)
Input Normal Mode Rejection
(Note 7)
q
110
140
dB
60Hz
±2% (LTC2415)
Input Normal Mode Rejection
(Note 8)
q
110
140
dB
50Hz
±2% (LTC2415)
Input Common Mode Rejection
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
140
dB
49Hz to 61.2Hz (LTC2415-1)
GND
≤ IN= IN+ ≤ VCC, (Note 7)
Input Normal Mode Rejection
FO = GND
q
87
dB
49Hz to 61.2Hz (LTC2415-1)
Input Normal Mode Rejection
External Oscillator
q
87
dB
External Clock fEOSC/2560 ±14%
(LTC2415-1)
Input Normal Mode Rejection
External Oscillator
q
110
140
dB
External Clock fEOSC/2560 ±4%
(LTC2415-1)
Reference Common Mode
2.5V
≤ REF+ ≤ VCC, GND ≤ REF≤ 2.5V,
q
130
140
dB
Rejection DC
VREF = 2.5V, IN
= IN+ = GND
Power Supply Rejection, DC
REF+ = VCC, REF
= GND, IN= IN+ = GND
100
dB
Power Supply Rejection, 60Hz
±2% REF+ = 2.5V, REF= GND, IN= IN+ = GND, (Note 7)
120
dB
Power Supply Rejection, 50Hz
±2% REF+ = 2.5V, REF= GND, IN= IN+ = GND, (Note 8)
120
dB


Similar Part No. - LTC2415

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
More results

Similar Description - LTC2415

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2430 LINER-LTC2430 Datasheet
460Kb / 40P
   20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com