Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2418 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2418
Description  8-/16-Channel 24-Bit No Latency TM ADCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2418 Datasheet(HTML) 1 Page - Linear Technology

  LTC2418 Datasheet HTML 1Page - Linear Technology LTC2418 Datasheet HTML 2Page - Linear Technology LTC2418 Datasheet HTML 3Page - Linear Technology LTC2418 Datasheet HTML 4Page - Linear Technology LTC2418 Datasheet HTML 5Page - Linear Technology LTC2418 Datasheet HTML 6Page - Linear Technology LTC2418 Datasheet HTML 7Page - Linear Technology LTC2418 Datasheet HTML 8Page - Linear Technology LTC2418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LTC2414/LTC2418
1
241418fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
The LTC
®2414/LTC2418 are 8-/16-channel (4-/8-differ-
ential) micropower 24-bit
∆Σ analog-to-digital convert-
ers. They operate from 2.7V to 5.5V and include an
integrated oscillator, 2ppm INL and 0.2ppm RMS noise.
They use delta-sigma technology and provide single cycle
settling time for multiplexed applications. Through a
single pin, the LTC2414/LTC2418 can be configured for
better than 110dB differential mode rejection at 50Hz or
60Hz
±2%, or they can be driven by an external oscillator
for a user-defined rejection frequency. The internal oscil-
lator requires no external frequency setting components.
The LTC2414/LTC2418 accept any external differential
reference voltage from 0.1V to VCC for flexible ratiometric
and remote sensing measurement applications. They can
be configured to take 4/8 differential channels or
8/16 single-ended channels. The full-scale bipolar input
range is from – 0.5VREF to 0.5VREF. The reference common
mode voltage, VREFCM, and the input common mode volt-
age, VINCM, may be independently set within GND to VCC.
The DC common mode input rejection is better than 140dB.
The LTC2414/LTC2418 communicate through a flexible
4-wire digital interface that is compatible with SPI and
MICROWIRE
TM protocols.
Direct Sensor Digitizer
Weight Scales
Direct Temperature Measurement
Gas Analyzers
Strain Gauge Transducers
Instrumentation
Data Acquisition
Industrial Process Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
8-/16-Channel Single-Ended or 4-/8-Channel
Differential Inputs (LTC2414/LTC2418)
Low Supply Current (200
µA, 4µA in Autosleep)
Differential Input and Differential Reference
with GND to VCC Common Mode Range
2ppm INL, No Missing Codes
2.5ppm Full-Scale Error and 0.5ppm Offset
0.2ppm Noise
No Latency: Digital Filter Settles in a Single Cycle
Each Conversion Is Accurate, Even After a New
Channel is Selected
Single Supply 2.7V to 5.5V Operation
Internal Oscillator—No External Components
Required
110dB Min, 50Hz/60Hz Notch Filter
8-/16-Channel
24-Bit No Latency
∆ΣTM ADCs
No Latency
∆Σ is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Total Unadjusted Error
vs Input Voltage
SDI
SCK
SDO
CS
FO
REF+
VCC
9
11
2.7V TO 5.5V
20
18
17
16
19
1
µF
COM
REF
GND
10
THERMOCOUPLE
12
15
DIFFERENTIAL
24-BIT
∆Σ ADC
16-CHANNEL
MUX
+
241418 TA01a
4-WIRE
SPI INTERFACE
LTC2418
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
CH0
CH1
21
22
CH7
CH8
28
1
CH15
8
INPUT VOLTAGE (V)
–2.5 –2
–1
0
1.0
2.0
3
2
1
0
–1
–2
–3
–1.5
–0.5
0.5
1.5
2414/18 TA01b
2.5
VCC = 5V
VREF = 5V
VINCM = VREFCM = 2.5V
FO = GND
TA = 85°C
TA = 25°C
TA = –45°C


Similar Part No. - LTC2418

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
More results

Similar Description - LTC2418

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com