Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1516CQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1516CQ
Description  24 W BTL car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1516CQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1516CQ Datasheet HTML 2Page - NXP Semiconductors TDA1516CQ Datasheet HTML 3Page - NXP Semiconductors TDA1516CQ Datasheet HTML 4Page - NXP Semiconductors TDA1516CQ Datasheet HTML 5Page - NXP Semiconductors TDA1516CQ Datasheet HTML 6Page - NXP Semiconductors TDA1516CQ Datasheet HTML 7Page - NXP Semiconductors TDA1516CQ Datasheet HTML 8Page - NXP Semiconductors TDA1516CQ Datasheet HTML 9Page - NXP Semiconductors TDA1516CQ Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
July 1994
7
Philips Semiconductors
Product specification
24 W BTL car radio power amplifier
TDA1516CQ
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; unless otherwise specified. See note 1.
Notes
1. All characteristics are measured using the circuit shown in Fig.4
2. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V
3. At 18 V < V < 30 V, the DC output voltage
≤ VP/2
4. If V11 > V10, then I11 must be ≤ 10 mA
5. Conditions: V11 = 0; short-circuit output to GND; switch V11 to mute or on condition (rise time V11 > 10 µs)
6. With bootstrap and a resistor of 100 k
Ω from VP/2 to the positive supply voltage (VP). (Bootstrap capacitor of 47 µF)
7. Frequency response externally fixed
8. Ripple rejection measured at the output with a source-impedance of 0
Ω (max. ripple amplitude of 2 V)
9. Frequency = 100 Hz
10. Frequency = 1 to 10 kHz
11. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz
12. Noise output voltage independent of RS (Vin = 0)
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PO
output power
THD = 0.5%
15
17
W
THD = 10%
20
22
W
THD = 10%; note 6
21
24
W
VP = 13.2 V; THD = 0.5%
13.5
W
VP = 13.2 V; THD = 10%
17
W
VP = 13.2 V; THD = 10%;
19
W
note 6
THD
total harmonic distortion
PO = 1 W
0.05
%
B
power bandwidth
THD = 0.5%; PO = −1 dB
20 to
Hz
with respect to 15 W
15 000
flow
low frequency roll-off
−3 dB; note 7
25
Hz
fhigh
high frequency roll-off
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
25
26
27
dB
SVRR
supply voltage ripple rejection
ON; notes 8 and 9
45
−−
dB
ON; notes 8 and 10
48
−−
dB
MUTE; notes 8 to 10
48
−−
dB
stand-by; notes 8 to 10
80
−−
dB
Z
I
input impedance
25
30
38
k
Vno
noise output voltage
ON; RS = 0; note 11
70
−µV
RS = 10 kΩ; note 12
100
200
µV
MUTE; note 12
60
−µV


Similar Part No. - TDA1516CQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1516 PHILIPS-TDA1516 Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516B PHILIPS-TDA1516B Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results

Similar Description - TDA1516CQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com