Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2487CDETRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2487CDETRPBF
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487CDETRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2487CDETRPBF Datasheet HTML 7Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 8Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 9Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 10Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 11Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 12Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 13Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 14Page - Linear Technology LTC2487CDETRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2487

2487fa
pin FuncTions
selected inputs (IN+ and IN) provide a bipolar input range
VIN = (IN+ – IN) from –0.5 • VREF/Gain to 0.5 • VREF/Gain.
Outside this input range, the converter produces unique
over-range and under-range output codes.
CH0 to CH3 (Pin 8-Pin 11): Analog Inputs. May be pro-
grammed for single-ended or differential mode.
VCC(Pin12):PositiveSupplyVoltage.BypasstoGNDwith
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor as close to the part as possible.
REF+, REF(Pin 13, Pin 14): Differential Reference Input.
The voltage on these pins can have any value between
GND and VCC as long as the reference positive input,
REF+, remains more positive than the negative reference
input, REF, by at least 0.1V. The differential voltage (VREF
= REF+ – REF) sets the full-scale range (–0.5 • VREF/Gain
to 0.5 • VREF/Gain) for all input channels.
Exposed Pad (Pin 15): Ground. This pin is ground and
mustbesolderedtothePCBgroundplane.Forprototyping
purposes, this pin may remain floating.
FuncTional block DiagraM
AUTOCALIBRATION
AND CONTROL
DIFFERENTIAL
3RD ORDER
∆Σ MODULATOR
DECIMATING FIR
ADDRESS
INTERNAL
OSCILLATOR
I2C
INTERFACE
GND
VCC
CH0
CH1
CH2
CH3
COM
MUX
IN+
IN
CA0
SCL
REF+
REF
CA1
SDA
FO
(INT/EXT)
2487 BD
+
1.7k
TEMP
SENSOR


Similar Part No. - LTC2487CDETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2487 LINER-LTC2487 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2487 LINER-LTC2487 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTC2487 AD-LTC2487 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
More results

Similar Description - LTC2487CDETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
   16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2495 LINER-LTC2495 Datasheet
565Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
LTC2489 LINER-LTC2489 Datasheet
328Kb / 24P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2486 LINER-LTC2486_15 Datasheet
495Kb / 36P
   16-Bit 2-/4-Channel ADC with PGA and Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2493 LINER-LTC2493_15 Datasheet
544Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2493 LINER-LTC2493 Datasheet
575Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com