Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH8D64AKQC-10 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MH8D64AKQC-10
Description  536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8D64AKQC-10 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MH8D64AKQC-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8D64AKQC-10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MH8D64AKQC-75,-10
536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0419-0.1
17.May.2001
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI LSIs
MITSUBISHI
ELECTRIC
4
PIN FUNCTION
CK0-2,/CK0-2
Input
Clock: CK0-2 and /CK0-2 are diff erential clock inputs. All address and control
input signals are sampled on the crossing of the positiv e edge of CK0-2 and
negativ e edge of /CK0-2. Output (read) data is ref erenced to the crossings of
CK0-2 and /CK0-2 (both directions of c rossing).
CKE0
Input
Clock Enable: CKE0-1 controls internal clock. When CKE0-1 is low, internal
clock f or the f ollowing cyc le is ceased. CKE0-1 is also used to select auto /
self ref resh. After self ref resh mode is started, CKE0-1 becomes
asy nchronous input. Self ref resh is maintained as long as CKE0-1 is low.
/S0
Input
Chip Select: When /S0-1 is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-11
Input
A0-11 specify the Row / Column Address in conjunction with BA0,1. The Row
Address is specif ied by A0-11. The Column Address is specif ied by A0-8.
A10 is also used to indicate precharge option. When A10 is high at a read / write
command, an auto precharge is perf ormed. When A10 is high at a precharge
command, all banks are precharged.
BA0-1
Input
DQ 0-64
Input / Output
DQS0-7
Vdd, Vss
Power Supply
Power Supply for the memory array and peripheral circuitry.
Bank Address: BA0-1 specify one of f our banks in SDRAM to which a command
is applied. BA0-1 must be set with ACT, PRE, READ, WRITE commands.
Data Input/Output: Data bus
Data Strobe: Output with read data, input with write data. Edge-aligned with read
data, centered in write data. Used to capture write data.
SYMBOL
TYPE
DESCRIPTION
Input
Vref
Input
SSTL_2 reference voltage.
Vddspd
Power Supply
Power Supply for SPD
SDA
Input / Output
This is a bidirectional pin used to transf er data into or out of the SPD EEPROM.
A resistor must be connected to Vdd to act as a pullup.
SCL
Input / Output
This signal is used to clock data into and out of the SPD EEPROM. A resistor
may be connected f rom the SCL to Vdd to act as a pullup.
SA0-2
Address pins used to select the Serial Presence Detect.
Input
DM0-7
Input / Output
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM0-7 is
sampled HIGH along with that input data during a WRITE access. DM0-7 are sampled on both
edges of DQS0-7. Although DM pins are input only, the DM0-7 loading matches the DQ0-63 and
DQS0-7 loading.
VddID
Vdd identif ication f lag
Output


Similar Part No. - MH8D64AKQC-10

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH80625C MITEL-MH80625C Datasheet
34Kb / 4P
   Protection SIP Preliminary Information
MH80626C MITEL-MH80626C Datasheet
29Kb / 4P
   Battery Feed/Protection SIP Preliminary Information
logo
Micro Electronics
MH8100 MICRO-ELECTRONICS-MH8100 Datasheet
170Kb / 4P
   COMPLEMENTARY EPITAXIAL TRANSISTORS FOR 3-5W AF OUTPUT
logo
List of Unclassifed Man...
MH8224 ETC1-MH8224 Datasheet
1Mb / 29P
   CYFROWE UKLADY SCALONE TTL
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
More results

Similar Description - MH8D64AKQC-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THMY648071BEG TOSHIBA-THMY648071BEG Datasheet
608Kb / 13P
   8,388,608-WORD BY 64-BIT SYNCHRONOUS DRAM MODULE
logo
Mitsubishi Electric Sem...
MH8S64BALD-6 MITSUBISHI-MH8S64BALD-6 Datasheet
572Kb / 40P
   536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH8S64AQFC-6 MITSUBISHI-MH8S64AQFC-6 Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH64D64AKQH-75 MITSUBISHI-MH64D64AKQH-75 Datasheet
362Kb / 40P
   4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH28D72KLG-75 MITSUBISHI-MH28D72KLG-75 Datasheet
337Kb / 39P
   9,663,676,416-BIT (134,217,728-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com