Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM176DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LVDM176DRG4
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM176DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDM176DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 11Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 12Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 13Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 14Page - Texas Instruments SN65LVDM176DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
IOL − Low-Level Output Current − mA
1
0
8
0
2
VCC = 3.3 V
TA = 25°C
3
12
4
4
6
10
2
IOH − High-Level Output Current − mA
1
.5
0
−4
−6
3
0
1.5
VCC = 3.3 V
TA = 25°C
2
2.5
−8
−2
3.5
0
IOH − High-Level Output Current − mA
4
0
−80
2
−20
−40
−60
3
1
VCC = 3.3 V
TA = 25°C
0
IOL − Low-Level Output Current − mA
5
0
60
2
10
20
30
3
1
40
50
4
VCC = 3.3 V
TA = 25°C
SN65LVDM176
SLLS320D – DECEMBER 1998 – REVISED JULY 2000
DRIVER
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 9.
Figure 10.
RECEIVER
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 11.
Figure 12.
11
Submit Documentation Feedback


Similar Part No. - SN65LVDM176DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176D TI-SN65LVDM176D Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176DGK TI-SN65LVDM176DGK Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
More results

Similar Description - SN65LVDM176DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176 Datasheet
265Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com