Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS387DGG Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS387DGG
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS387DGG Datasheet(HTML) 4 Page - Texas Instruments

  SN75LVDS387DGG Datasheet HTML 1Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 2Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 3Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 4Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 5Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 6Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 7Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 8Page - Texas Instruments SN75LVDS387DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
|VOD|
Differential output voltage magnitude
RL = 100 Ω
247
340
454
∆|VOD|
Change in differential output voltage
magnitude between logic states
RL = 100 Ω,,
See Figure 1 and Figure 2
– 50
50
mV
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
∆VOC(SS)
Change in steady-state common-mode output
voltage between logic states
See Figure 3
– 50
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
50
150
mV
’LVDS387
Enabled,
85
95
’LVDS389
Enabled,
RL = 100 Ω ,
50
70
ICC
Supply current
’LVDS391
VIN = 0.8 V or 2 V
20
26
mA
ICC
Supply current
’LVDS387
Di
bl d
0.5
1.5
mA
’LVDS389
Disabled,
VIN =0VorVCC
0.5
1.5
’LVDS391
VIN = 0 V or VCC
0.5
1.3
IIH
High-level input current
VIH = 2 V
3
20
µA
IIL
Low-level input current
VIL = 0.8 V
2
10
µA
IOS
Short circuit output current
VOY or VOZ = 0 V
±24
mA
IOS
Short-circuit output current
VOD = 0 V
±12
mA
IOZ
High-impedance output current
VO = 0 V or VCC
±1
µA
IO(OFF)
Power-off output current
VCC = 1.5 V,
VO = 2.4 V
±1
µA
CIN
Input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V
5
pF
CO
Output capacitance
VI = 0.4 sin (4E6πt) + 0.5 V,
Disabled
9.4
pF
† All typical values are at 25
°C and with a 3.3-V supply.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
0.9
1.7
2.9
ns
tPHL
Propagation delay time, high-to-low-level output
0.9
1.6
2.9
ns
tr
Differential output signal rise time
RL = 100 Ω
0.4
0.8
1
ns
tf
Differential output signal fall time
RL = 100 Ω ,
CL = 10 pF,
0.4
0.8
1
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
L
See Figure 4
150
500
ps
tsk(o)
Output skew‡
80
150
ps
tsk(pp)
Part-to-part skew§
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
6.4
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 5
5.9
15
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 5
3.5
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
4.5
15
ns
† All typical values are at 25
°C and with a 3.3-V supply.
‡ tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all drivers of a single device with all of their inputs connected together.
§ tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of any two devices characterized in this data
sheet when both devices operate with the same supply voltage, at the same temperature, and have the same test circuits.


Similar Part No. - SN75LVDS387DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS387DGG TI-SN75LVDS387DGG Datasheet
217Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS387DGG TI-SN75LVDS387DGG Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS387DGG TI1-SN75LVDS387DGG Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS387DGGG4 TI1-SN75LVDS387DGGG4 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN75LVDS387DGGR TI-SN75LVDS387DGGR Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS387DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com