Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1519 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1519
Description  2 x 6 W stereo car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1519 Datasheet HTML 2Page - NXP Semiconductors TDA1519 Datasheet HTML 3Page - NXP Semiconductors TDA1519 Datasheet HTML 4Page - NXP Semiconductors TDA1519 Datasheet HTML 5Page - NXP Semiconductors TDA1519 Datasheet HTML 6Page - NXP Semiconductors TDA1519 Datasheet HTML 7Page - NXP Semiconductors TDA1519 Datasheet HTML 8Page - NXP Semiconductors TDA1519 Datasheet HTML 9Page - NXP Semiconductors TDA1519 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
May 1992
6
Philips Semiconductors
Product specification
2 x 6 W stereo car radio power amplifier
TDA1519
AC CHARACTERISTICS (note 1)
VP = 14,4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; unless otherwise specified
Notes to the characteristics
1. All characteristics are measured using the circuit shown in Fig.4.
2. The circuit is DC adjusted at VP = 6 V to 18 V and AC operating at VP = 8,5 V to 18 V.
3. At 18 V
< V
P < 30 V the DC output voltage ≤ VP/2.
4. Output power is measured directly at the output pins of the IC.
5. Frequency response externally fixed.
6. Ripple rejection measured at the output with a source impedance of 0
Ω (maximum ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz.
7. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
8. Noise output voltage independent of RS (VI = 0 V).
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output power
note 4;
THD = 0,5%
Po
45
W
THD = 10%
Po
5,5
6,0
W
Total harmonic distortion
Po = 1 W
THD
0,1
%
Low frequency roll-off
note 5;
−3 dB
fL
45
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
39
40
41
dB
Supply voltage ripple rejection
note 6
ON
f = 100 Hz
SVRR
40
−−
dB
ON
f = 10 Hz to 10 kHz
SVRR
48
−−
dB
mute
SVRR
48
−−
dB
stand-by
SVRR
80
−−
dB
Input impedance
|Zi|
506075k
Noise output voltage
note 7;
ON
RS = 0 Ω
Vno(rms)
150
−µV
ON
RS = 10 kΩ
Vno(rms)
250
500
µV
mute
note 8
Vno(rms)
120
−µV
Channel separation
RS = 10 kΩα
40
−−
dB
Channel balance
|
∆G
v|
0,1
1
dB


Similar Part No. - TDA1519

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519C PHILIPS-TDA1519C Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519C NXP-TDA1519C Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
Unisonic Technologies
TDA1519CG-H09-B-T UTC-TDA1519CG-H09-B-T Datasheet
386Kb / 8P
   No switch-on/switch-off pops
More results

Similar Description - TDA1519

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
logo
Integral Corp.
ILA1519B INTEGRAL-ILA1519B Datasheet
102Kb / 3P
   2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
List of Unclassifed Man...
ILA1519 ETC-ILA1519 Datasheet
17Kb / 2P
   2 x 6 Watt Stereo Car Radio Power Amplifier
logo
Integral Corp.
ILA1519B1 INTEGRAL-ILA1519B1 Datasheet
102Kb / 3P
   2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com