Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3014 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3014
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3014 Datasheet HTML 2Page - Linear Technology LT3014 Datasheet HTML 3Page - Linear Technology LT3014 Datasheet HTML 4Page - Linear Technology LT3014 Datasheet HTML 5Page - Linear Technology LT3014 Datasheet HTML 6Page - Linear Technology LT3014 Datasheet HTML 7Page - Linear Technology LT3014 Datasheet HTML 8Page - Linear Technology LT3014 Datasheet HTML 9Page - Linear Technology LT3014 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT3014
3014fb
IN (Pin 1/Pin 8): Input. Power is supplied to the device
through the IN pin. A bypass capacitor is required on this
pin if the device is more than six inches away from the main
input filter capacitor. In general, the output impedance of
a battery rises with frequency, so it is advisable to include
a bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 0.1
µF to 10µF is sufficient. The
LT3014 is designed to withstand reverse voltages on the
IN pin with respect to ground and the OUT pin. In the case
of a reversed input, which can happen if a battery is
plugged in backwards, the LT3014 will act as if there is a
diode in series with its input. There will be no reverse
current flow into the LT3014 and no reverse voltage will
appear at the load. The device will protect both itself and
the load.
GND (Pin 2/Pins 4, 9): Ground.
SHDN (Pin 3/Pin 5): Shutdown. The SHDN pin is used to
put the LT3014 into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDN pin can be driven either by 5V logic or open-
collector logic with a pull-up resistor. The pull-up resistor
is only required to supply the pull-up current of the open-
collector gate, normally several microamperes. If unused,
the SHDN pin must be tied to IN or to a logic high.
PI FU CTIO S (SOT-23 Package/DD Package)
TIME (
µs)
0
–0.02
0.02
800
3014 G23
4
–0.04
0
0.04
6
2
0
200
400
600
1000
VIN = 7V
VOUT = 5V
CIN = COUT = 0.47µF CERAMIC
∆ILOAD = 1mA TO 5mA
TYPICAL PERFOR A CE CHARACTERISTICS
10Hz to 100kHz Output Noise
VOUT
200
µV/DIV
COUT = 0.47µF
1ms/DIV
3014 G22
IL = 20mA
VOUT = 1.22V
Transient Response
Load Regulation
Minimum Input Voltage
Output Noise Spectral Density
TEMPERATURE (
°C)
–50
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
3014 G19
–25
0
50
100
125
ILOAD = 20mA
TEMPERATURE (
°C)
–50
–5
25
3014 G20
–20
–30
–25
0
50
–35
–40
0
–10
–15
–25
75
100
125
∆IL = 100µA TO 20mA
VOUT = 1.22V
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
3014 G21
0.01
100
10
COUT = 0.47µF
IL = 20mA
VOUT = 1.22V


Similar Part No. - LT3014

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT3014 ASI-LT3014 Datasheet
23Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Linear Technology
LT3014 LINER-LT3014 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3014 LINER-LT3014 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3014 LINER-LT3014 Datasheet
186Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT3014

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014B LINER-LT3014B_15 Datasheet
223Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com