Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7202LA15RJ Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ACT7202LA15RJ
Description  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7202LA15RJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT7202LA15RJ Datasheet HTML 3Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 4Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 5Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 6Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 7Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 8Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 9Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 10Page - Texas Instruments SN74ACT7202LA15RJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (any input), VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High level input voltage
XI
2.6
V
VIH
High-level input voltage
Other inputs
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
8
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range, VCC = 5.5 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = – 2 mA
2.4
V
VOL
VCC = 4.5 V,
IOL = 8 mA
0.4
V
IOZH
VO = VCC ,
R
≥ VIH
±10
µA
IOZL
VO = 0.4 V,
R
≥ VIH
±10
µA
II
VI = 0 to 5.5 V
–1
1
µA
I
ta = 15 and 25 ns
125¶
mA
ICC1‡
ta = 35 and 50 ns
50
80
mA
I
ta = 15 and 25 ns
R W RS and FL/RT at V
15
mA
ICC2‡
ta = 35 and 50 ns
R, W, RS, and FL/RT at VIH
5
8
mA
ICC3‡
ta = 15 and 25 ns
VI =VCC 02 V
0.5
mA
ICC3‡
ta = 35 and 50 ns
VI = VCC – 0.2 V
0.5
mA
Ci§
VI = 0,
TA = 25°C,
f = 1 MHz
8
pF
Co§
VO = 0,
TA = 25°C,
f = 1 MHz
8
pF
‡ ICC1 = supply current; ICC2 = standby current; ICC3 = power-down current. ICC measurements are made with outputs open (only capacitive
loading).
§ This parameter is sampled and not 100% tested.
¶ Tested at fclock = 20 MHz


Similar Part No. - SN74ACT7202LA15RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L15NP TI1-SN74ACT7203L15NP Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L15RJ TI1-SN74ACT7203L15RJ Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L25NP TI1-SN74ACT7203L25NP Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L25RJ TI1-SN74ACT7203L25RJ Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT7202LA15RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI-SN74ACT7807 Datasheet
203Kb / 15P
[Old version datasheet]   2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808 Datasheet
183Kb / 14P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226_06 Datasheet
257Kb / 15P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com