Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCHM Datasheet(PDF) 10 Page - Linear Technology

Part # LCHM
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCHM Datasheet(HTML) 10 Page - Linear Technology

Back Button LCHM Datasheet HTML 4Page - Linear Technology LCHM Datasheet HTML 5Page - Linear Technology LCHM Datasheet HTML 6Page - Linear Technology LCHM Datasheet HTML 7Page - Linear Technology LCHM Datasheet HTML 8Page - Linear Technology LCHM Datasheet HTML 9Page - Linear Technology LCHM Datasheet HTML 10Page - Linear Technology LCHM Datasheet HTML 11Page - Linear Technology LCHM Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT3014B
3014bf
IN
LT3014B
1
µF
RETURN
–48V
OUT
ADJ
GND
3014 TA06
1
µF
RSET
ILED = 1.22V/RSET
–48V CAN VARY FROM –3.3V TO –80V
+
ADJ
OUT
IN
LT3014B
GND
1
µF
1
µF
VIN
12V
(LATER 42V)
LOAD: CLOCK,
SECURITY SYSTEM
ETC
+
ADJ
OUT
IN
LT3014B
GND
1
µF
1
µF
VIN
48V
(72V TRANSIENT)
LOAD:
SYSTEM MONITOR
ETC
NO PROTECTION
DIODE NEEDED!
NO PROTECTION
DIODE NEEDED!
3014 TA05
BACKUP
BATTERY
R1
R2
R1
R2
LT3014B Automotive Application
LT3014B Telecom Application
Constant Brightness for Indicator LED over Wide Input Voltage Range
TYPICAL APPLICATIO S


Similar Part No. - LCHM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
logo
LUXPIA
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
logo
Littelfuse
LCH132-1 LITTELFUSE-LCH132-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
LCH132-2 LITTELFUSE-LCH132-2 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
LCH132-3 LITTELFUSE-LCH132-3 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
More results

Similar Description - LCHM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014B LINER-LT3014B_15 Datasheet
223Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014 Datasheet
200Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com