Electronic Components Datasheet Search |
|
SN74LVTH574PWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
SN74LVTH574PWR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 23 page SN54LVTH574, SN74LVTH574 3.3V ABT OCTAL EDGETRIGGERED DTYPE FLIPFLOPS WITH 3STATE OUTPUTS SCBS688G − MAY 1997 − REVISED SEPTEMBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) SN54LVTH574 SN74LVTH574 VCC = 3.3 V ± 0.3 V VCC = 2.7 V VCC = 3.3 V ± 0.3 V VCC = 2.7 V UNIT MIN MAX MIN MAX MIN MAX MIN MAX fclock Clock frequency 150 150 150 150 MHz tw Pulse duration, CLK high or low 3.3 3.3 3.3 3.3 ns tsu Setup time, data before CLK ↑ 2 2.4 2 2.4 ns th Hold time, data after CLK ↑ 0.9 0.9 0.3 0 ns switching characteristics over recommended free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54LVTH574 SN74LVTH574 PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 3.3 V ± 0.3 V VCC = 2.7 V VCC = 3.3 V ± 0.3 V VCC = 2.7 V UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN TYP† MAX MIN MAX fmax 150 150 150 150 MHz tPLH CLK Q 1.7 4.9 5.9 1.8 3 4.5 5.3 ns tPHL CLK Q 1.7 4.9 5.5 1.8 3 4.5 5.3 ns tPZH OE Q 1.4 5.1 6.5 1.5 3.2 4.8 5.9 ns tPZL OE Q 1.4 5.1 6.1 1.5 3.5 4.8 5.9 ns tPHZ OE Q 1 5.9 6.4 2 3.5 4.8 5.1 ns tPLZ OE Q 0.8 4.8 5.3 2 3.2 4.4 4.4 ns † All typical values are at VCC = 3.3 V, TA = 25°C. |
Similar Part No. - SN74LVTH574PWR |
|
Similar Description - SN74LVTH574PWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |