Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7801102RA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 7801102RA
Description  OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

7801102RA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 7801102RA Datasheet HTML 2Page - Texas Instruments 7801102RA Datasheet HTML 3Page - Texas Instruments 7801102RA Datasheet HTML 4Page - Texas Instruments 7801102RA Datasheet HTML 5Page - Texas Instruments 7801102RA Datasheet HTML 6Page - Texas Instruments 7801102RA Datasheet HTML 7Page - Texas Instruments 7801102RA Datasheet HTML 8Page - Texas Instruments 7801102RA Datasheet HTML 9Page - Texas Instruments 7801102RA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN54LS373, SN54LS374, SN54S373, SN54S374,
SN74LS373, SN74LS374, SN74S373, SN74S374
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
(’LS devices)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
SN54LS’
SN74LS’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5
4.75
5
5.25
V
VOH
High-level output voltage
5.5
5.5
V
IOH
High-level output current
–1
–2.6
mA
IOL
Low-level output current
12
24
mA
t
Pulse duration
CLK high
15
15
ns
tw
Pulse duration
CLK low
15
15
ns
t
Data setup time
’LS373
5
5
ns
tsu
Data setup time
’LS374
20
20
ns
th
Data hold time
’LS373
20
20
ns
th
Data hold time
’LS374‡
5
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C
‡ The th specification applies only for data frequency below 10 MHz. Designs above 10 MHz should use a minimum of 5 ns (commercial only).


Similar Part No. - 7801102RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7801102RA TI-7801102RA Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
7801102RA TI-7801102RA Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
7801102RA TI1-7801102RA Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
7801102RA TI1-7801102RA Datasheet
1Mb / 32P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
More results

Similar Description - 7801102RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS373 TI-SN54LS373 Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_16 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
logo
Fairchild Semiconductor
DM74LS373 FAIRCHILD-DM74LS373 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com