Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS174 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS174
Description  HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS174 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LS174 Datasheet HTML 5Page - Texas Instruments SN74LS174 Datasheet HTML 6Page - Texas Instruments SN74LS174 Datasheet HTML 7Page - Texas Instruments SN74LS174 Datasheet HTML 8Page - Texas Instruments SN74LS174 Datasheet HTML 9Page - Texas Instruments SN74LS174 Datasheet HTML 10Page - Texas Instruments SN74LS174 Datasheet HTML 11Page - Texas Instruments SN74LS174 Datasheet HTML 12Page - Texas Instruments SN74LS174 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74S175NSRE4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S175NSRG4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54175J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
SNJ54175W
OBSOLETE
CFP
W
16
TBD
Call TI
Call TI
SNJ54LS174FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS174J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS174W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
SNJ54LS175FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54LS175J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS175W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
SNJ54S174FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54S174J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54S174W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
SNJ54S175FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54S175J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54S175W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 3


Similar Part No. - SN74LS174

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS174 TI-SN74LS174 Datasheet
318Kb / 7P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74LS174 TI-SN74LS174 Datasheet
668Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Motorola, Inc
SN74LS174D MOTOROLA-SN74LS174D Datasheet
75Kb / 3P
   HEX D FLIP-FLOP
logo
ON Semiconductor
SN74LS174D ONSEMI-SN74LS174D Datasheet
104Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - SN74LS174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54S174 TI-SN54S174 Datasheet
318Kb / 7P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174_07 Datasheet
598Kb / 21P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI1-SN54174_16 Datasheet
698Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54ALS174 TI-SN54ALS174 Datasheet
527Kb / 17P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74S175J TI-SN74S175J Datasheet
668Kb / 14P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54174 TI-SN54174 Datasheet
352Kb / 10P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74LS174 RENESAS-HD74LS174 Datasheet
112Kb / 9P
   Hex / Quadruple D-type Flip-Flops (with clear)
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com