Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VMEH22501ADGVRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74VMEH22501ADGVRG4
Description  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74VMEH22501ADGVRG4 Datasheet(HTML) 4 Page - Texas Instruments

  74VMEH22501ADGVRG4 Datasheet HTML 1Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 2Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 3Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 4Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 5Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 6Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 7Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 8Page - Texas Instruments 74VMEH22501ADGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SN74VMEH22501A
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES620 – DECEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description for 8-bit UBT transceiver
The 3A and 3B data flow in each direction is controlled by the OE and direction-control (DIR) inputs. When OE
is low, all 3A- or 3B-port outputs are active. When OE is high, all 3A- or 3B-port outputs are in the high-impedance
state.
FUNCTION TABLE
INPUTS
OUTPUT
OE
DIR
OUTPUT
H
X
Z
L
H
3A data to 3B bus
L
L
3B data to 3A bus
The UBT transceiver functions are controlled by latch-enable (LE) and clock (CLKAB and CLKBA) inputs. For
3A-to-3B data flow, the UBT operates in the transparent mode when LE is high. When LE is low, the 3A data
is latched if CLKAB is held at a high or low logic level. If LE is low, the 3A data is stored in the latch/flip-flop on
the low-to-high transition of CLKAB.
The UBT transceiver data flow for 3B to 3A is similar to that of 3A to 3B, but uses CLKBA.
UBT TRANSCEIVER FUNCTION TABLE†
INPUTS
OUTPUT
MODE
OE
LE
CLKAB
3A
OUTPUT
3B
MODE
H
X
X
X
Z
Isolation
L
L
H
X
B0‡
Latched storage of 3A data
L
LL
X
B0§
Latched storage of 3A data
L
H
X
L
L
True transparent
L
HX
H
H
True transparent
L
L
L
L
Clocked storage of 3A data
L
L
H
H
Clocked storage of 3A data
† 3A-to-3B data flow is shown; 3B-to-3A data flow is similar, but uses CLKBA.
‡ Output level before the indicated steady-state input conditions were established,
provided that CLKAB was high before LE went low
§ Output level before the indicated steady-state input conditions were established
The UBT transceiver can replace any of the functions shown in Table 1.
Table 1. SN74VMEH22501A UBT Transceiver Replacement Functions
FUNCTION
8 BIT
Transceiver
’245, ’623, ’645
Buffer/driver
’241, ’244, ’541
Latched transceiver
’543
Latch
’373, ’573
Registered transceiver
’646, ’652
Flip-flop
’374, ’574
SN74VMEH22501A UBT transceiver replaces all above functions


Similar Part No. - 74VMEH22501ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74VMEH22501DGGRE4 TI-74VMEH22501DGGRE4 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
74VMEH22501DGGRG4 TI-74VMEH22501DGGRG4 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
74VMEH22501DGVRE4 TI-74VMEH22501DGVRE4 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
74VMEH22501DGVRG4 TI-74VMEH22501DGVRG4 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
More results

Similar Description - 74VMEH22501ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com