Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCR2245ADGVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LVCR2245ADGVRG4
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCR2245ADGVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVCR2245ADGVRG4 Datasheet HTML 1Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 2Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 3Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVCR2245ADGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DB, DBQ, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
DESCRIPTION/ORDERING INFORMATION
SN74LVCR2245A
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS581M – NOVEMBER 1996 – REVISED MARCH 2005
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage
Operates From 1.65 V to 3.6 V
With 3.3-V VCC)
Inputs Accept Voltages to 5.5 V
Ioff Supports Partial-Power-Down Mode
Max tpd of 6.3 ns at 3.3 V
Operation
All Outputs Have Equivalent 26-
Ω Series
Latch-Up Performance Exceeds 250 mA Per
Resistors, So No External Resistors Are
JESD 17
Required
ESD Protection Exceeds JESD 22
Typical VOLP (Output Ground Bounce)
– 2000-V Human-Body Model (A114-A)
<0.8 V at VCC = 3.3 V, TA = 25°C
– 1000-V Charged-Device Model (C101)
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVCR2245ARGYR
LER245A
Tube of 25
SN74LVCR2245ADW
SOIC – DW
LVCR2245A
Reel of 2000
SN74LVCR2245ADWR
SOP – NS
Reel of 2000
SN74LVCR2245ANSR
LVCR2245A
SSOP – DB
Reel of 2000
SN74LVCR2245ADBR
LER245A
SSOP (QSOP) – DBQ
Reel of 2500
SN74LVCR2245ADBQR
LVCR2245A
–40
°C to 85°C
Tube of 70
SN74LVCR2245APW
TSSOP – PW
Reel of 2000
SN74LVCR2245APWR
LER245A
Reel of 250
SN74LVCR2245APWT
TVSOP – DGV
Reel of 2000
SN74LVCR2245ADGVR
LER245A
VFBGA – GQN
SN74LVCR2245AGQNR
Reel of 1000
LER245A
VFBGA – ZQN (Pb-free)
SN74LVCR2245AZQNR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74LVCR2245ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74LVCR162245APAG IDT-74LVCR162245APAG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APAG8 IDT-74LVCR162245APAG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG IDT-74LVCR162245APVG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG8 IDT-74LVCR162245APVG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Texas Instruments
74LVCR162245DGGRE4 TI-74LVCR162245DGGRE4 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCR2245ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com