Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT38F80B2 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT38F80B2
Description  N-Channel FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT38F80B2 Datasheet(HTML) 3 Page - Microsemi Corporation

  APT38F80B2 Datasheet HTML 1Page - Microsemi Corporation APT38F80B2 Datasheet HTML 2Page - Microsemi Corporation APT38F80B2 Datasheet HTML 3Page - Microsemi Corporation APT38F80B2 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VGS= 10, & 15V
4.5V
T
J = 125°C
T
J = 25°C
T
J = -55°C
VGS = 10V
5V
V
DS> ID(ON) x RDS(ON) MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
NORMALIZED TO
V
GS = 10V @ 20A
T
J = 125°C
T
J = 25°C
T
J = -55°C
C
oss
C
iss
I
D = 20A
V
DS = 640V
V
DS = 160V
V
DS = 400V
T
J = 150°C
T
J = 25°C
TJ = 125°C
T
J = 150°C
C
rss
T
J = 125°C
T
J = 25°C
T
J = -55°C
VGS= 6, & 6.5V
4V
5.5V
V
DS(ON), DRAIN-TO-SOURCE VOLTAGE (V)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 1, Output Characteristics
Figure 2, Output Characteristics
T
J, JUNCTION TEMPERATURE (°C)
V
GS, GATE-TO-SOURCE VOLTAGE (V)
Figure 3, RDS(ON) vs Junction Temperature
Figure 4, Transfer Characteristics
I
D, DRAIN CURRENT (A)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5, Gain vs Drain Current
Figure 6, Capacitance vs Drain-to-Source Voltage
Q
g, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 7, Gate Charge vs Gate-to-Source Voltage
Figure 8, Reverse Drain Current vs Source-to-Drain Voltage
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-55 -25
0
25
50
75 100 125 150
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
0
200
400
600
800
0
50 100 150 200 250 300 350 400
0
0.3
0.6
0.9
1.2
1.5
100
90
80
70
60
50
40
30
20
10
0
3.0
2.5
2.0
1.5
1.0
0.5
0
60
50
40
30
20
10
0
16
14
12
10
8
6
4
2
0
50
40
30
20
10
0
150
125
100
75
50
25
0
20,000
10,000
1,000
100
10
150
125
100
75
50
25
0
APT38F80B2_L


Similar Part No. - APT38F80B2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT38F80B2 MICROSEMI-APT38F80B2 Datasheet
134Kb / 4P
   N-Channel FREDFET
logo
Inchange Semiconductor ...
APT38F80B2 ISC-APT38F80B2 Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT38F80B2 MICROSEMI-APT38F80B2_09 Datasheet
134Kb / 4P
   N-Channel FREDFET
More results

Similar Description - APT38F80B2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22F120B2 MICROSEMI-APT22F120B2 Datasheet
402Kb / 4P
   N-Channel FREDFET
APT19F100J MICROSEMI-APT19F100J_09 Datasheet
135Kb / 4P
   N-Channel FREDFET
APT34F100B2 MICROSEMI-APT34F100B2_09 Datasheet
118Kb / 4P
   N-Channel FREDFET
APT22F100J MICROSEMI-APT22F100J Datasheet
107Kb / 4P
   N-Channel FREDFET
APT17F80B MICROSEMI-APT17F80B Datasheet
437Kb / 4P
   N-Channel FREDFET
APT17F120J MICROSEMI-APT17F120J Datasheet
122Kb / 4P
   N-Channel FREDFET
APT18F60B MICROSEMI-APT18F60B Datasheet
120Kb / 4P
   N-Channel FREDFET
APT34F60B MICROSEMI-APT34F60B_09 Datasheet
134Kb / 4P
   N-Channel FREDFET
APT80F60J MICROSEMI-APT80F60J_11 Datasheet
236Kb / 4P
   N-Channel FREDFET
APT13F120B MICROSEMI-APT13F120B_09 Datasheet
122Kb / 4P
   N-Channel FREDFET
APT44F80B2 MICROSEMI-APT44F80B2 Datasheet
431Kb / 4P
   N-Channel FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com