Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1526 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1526
Description  Stereo-tone/volume control circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1526 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1526 Datasheet HTML 1Page - NXP Semiconductors TDA1526 Datasheet HTML 2Page - NXP Semiconductors TDA1526 Datasheet HTML 3Page - NXP Semiconductors TDA1526 Datasheet HTML 4Page - NXP Semiconductors TDA1526 Datasheet HTML 5Page - NXP Semiconductors TDA1526 Datasheet HTML 6Page - NXP Semiconductors TDA1526 Datasheet HTML 7Page - NXP Semiconductors TDA1526 Datasheet HTML 8Page - NXP Semiconductors TDA1526 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
May 1992
5
Philips Semiconductors
Product specification
Stereo-tone/volume control circuit
TDA1526
DC CHARACTERISTICS
VP = V3-18 = 12 V; Tamb = 25 °C; measured in Fig.1; RG ≤ 600 Ω; RL ≥ 4.7 kΩ; CL ≤ 200 pF; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 3)
Supply voltage
VP = V3-18
7.5
16.5
V
Supply current
at VP = 8.5 V
IP = I3
19
27
35
mA
at VP = 12 V
IP = I3
25
35
45
mA
at VP = 15 V
IP = I3
30
43
56
mA
DC input levels (pins 4 and 15)
at VP = 8.5 V
V4, 15-18
3.8
4.25
4.7
V
at VP = 12 V
V4, 15-18
5.3
5.9
6.6
V
at VP = 15 V
V4, 15-18
6.5
7.3
8.2
V
DC output levels (pins 8 and 11)
under all control voltage conditions
with DC feedback
at VP = 8.5 V
V8, 11-18
3.3
4.25
5.2
V
at VP = 12 V
V8, 11-18
4.6
6.0
7.4
V
at VP = 15 V
V8, 11-18
5.7
7.5
9.3
V
Pin 17
Internal potentiometer supply voltage
at VP = 8.5 V
V17-18
3.5
3.75
4.0
V
Contour on/off switch (control by I17)
contour (switch open)
−I
17
−−
0.5
mA
linear (switch closed)
−I
17
1.5
10
mA
Application without internal potentiometer
supply voltage at VP ≥ 10.8 V
(contour cannot be switched off)
Voltage range forced to pin 17
V17-18
4.5
VP/2−VBE V
DC control voltage range for volume,
bass, treble and balance
(pins 1, 9, 10 and 16 respectively)
at V17-18 = 5 V
V1,9,10,16
1.0
4.25
V
using internal supply
V1,9,10,16
0.25
3.8
V
Input current of control inputs
(pins 1, 9, 10 and 16)
−I
1,9,10,16
−−
5
µA


Similar Part No. - TDA1526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA1526

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
   Stereo-tone/volume control circuit
September 1987
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
   DC VOLUME, TONE CONTROL CIRCUIT
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com