Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT100GF60JU3 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT100GF60JU3
Description  ISOTOP Buck chopper NPT IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GF60JU3 Datasheet(HTML) 5 Page - Microsemi Corporation

  APT100GF60JU3 Datasheet HTML 1Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 2Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 3Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 4Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 5Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 6Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 7Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 8Page - Microsemi Corporation APT100GF60JU3 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APT100GF60JU3
www.microsemi.com
5 - 9
VGE = 15V
15
20
25
30
35
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
Tj = 25°C
VCE = 400V
RG = 5Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
50
100
150
200
250
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 400V
RG = 5Ω
VGE=15V,
TJ=125°C
0
20
40
60
80
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 400V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
20
40
60
80
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 5Ω
TJ=25°C,
VGE=15V
TJ=125°C,
VGE=15V
0
2
4
6
8
0
255075
100
125
150
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 400V
RG = 5Ω
TJ = 25°C
TJ = 125°C
0
1
2
3
4
5
6
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 400V
VGE = 15V
RG = 5Ω
Eon, 200A
Eoff, 200A
Eon, 100A
Eoff, 100A
Eon, 50A
Eoff, 50A
0
4
8
12
16
0
1020304050
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 400V
VGE = 15V
TJ= 125°C
Eon, 200A
Eoff, 200A
Eon, 100A
Eoff, 100A
Eon, 50A
Eoff, 50A
0
2
4
6
8
10
0
25
50
75
100
125
TJ, Junction Temperature (°C)
Switching Energy Losses vs Junction Temp.
VCE = 400V
VGE = 15V
RG = 5Ω


Similar Part No. - APT100GF60JU3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT100GF60JU3 ADPOW-APT100GF60JU3 Datasheet
447Kb / 9P
   ISOTOP Buck chopper NPT IGBT
More results

Similar Description - APT100GF60JU3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GF60JU3 ADPOW-APT30GF60JU3 Datasheet
476Kb / 8P
   ISOTOP Buck chopper NPT IGBT
APT100GF60JU3 ADPOW-APT100GF60JU3 Datasheet
447Kb / 9P
   ISOTOP Buck chopper NPT IGBT
APT60GF60JU3 ADPOW-APT60GF60JU3 Datasheet
526Kb / 8P
   ISOTOP Buck chopper NPT IGBT
APT50GF60JU3 ADPOW-APT50GF60JU3 Datasheet
471Kb / 8P
   ISOTOP Buck chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU3 MICROSEMI-APT30GF60JU3 Datasheet
470Kb / 8P
   ISOTOP Buck chopper NPT IGBT
logo
Advanced Power Technolo...
APT30GF60JU2 ADPOW-APT30GF60JU2 Datasheet
480Kb / 8P
   ISOTOP Boost chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU2 MICROSEMI-APT30GF60JU2 Datasheet
469Kb / 8P
   ISOTOP Boost chopper NPT IGBT
logo
Advanced Power Technolo...
APT35GT120JU3 ADPOW-APT35GT120JU3 Datasheet
609Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT50GT120JU3 ADPOW-APT50GT120JU3 Datasheet
608Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT100GT120JU3 ADPOW-APT100GT120JU3 Datasheet
607Kb / 7P
   ISOTOP Buck chopper Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com