Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-30600 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-30600
Description  LIN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30600 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-30600 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30600 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMIS-30600 LIN Transceiver
Data Sheet
6.2 Operating Range
Table 5: Operating Range
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
4.75
+5.25
V
VBB
Battery supply voltage
7.3
+18
V
Tjunc
Maximum junction temperature
-40
+150
°C
Tjsd
Thermal shutdown temperature
+150
+170
+190
°C
Rthj-a
Thermal resistance junction to ambient
185
°C/W
6.3 DC Electrical Characteristics
VCC = 4.75 to 5.25V; VBB = 7.3 to 18V; VEN > VEN,on ; Tamb = -40 to +125°C; RL = 500Ω unless specified otherwise. All voltages with
respect to ground; positive current flowing into pin; unless otherwise specified.
Table 6: DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply (pin VCC and pin VBB)
ICC
5V supply current
Dominant; VTxD =0V
Recessive; VTxD =VCC
400
250
700
500
µA
µA
IBB
Battery supply current
Dominant; VTxD =0V
Recessive; VTxD =VCC
1
100
1.5
200
mA
µA
IBB
Battery supply current
Sleep mode; VINH = 0V
35
55
µA
ICC
5V supply current
Sleep mode; VINH = 0V
0.25
1
µA
Transmitter Data Input (pin TxD)
VIH
High-level input voltage
Output recessive
0.7 x VCC
-
VCC
V
VIL
Low-level input voltage
Output dominant
0
-
0.3 x VCC
V
RTxD,pu
Pull-up resistor to Vcc
24
60
k
Receiver Data Output (pin RxD)
VOH
High-level output voltage
IRXD = -10mA
0.8 x VCC
VCC
V
VOL
Low-level output voltage
IRXD = 5mA
0
0.2 x VCC
V
Enable Input (pin EN)
VEN,on
High-level input voltage
Normal mode
0.7 x VCC
-
VCC
V
VEN,off
Low-level input voltage
Low power mode
0
-
0.3 x VCC
V
REN,pd
Pull-down resistor to GND
6
10
15
k
Inhibit Output (pin INH)
VINH,d
High-level voltage drop: VINH,d = VBB - VINH
IINH = - 0.15mA
0.5
1.0
V
IINH,lk
Leakage current
Sleep mode; VINH = 0V
-5.0
-
5.0
µA
Bus Line (pin LIN)
Vbus,rec
Recessive bus voltage at pin LIN
VTxD =VCC
0.9 x VBB
-
VBB
V
Vbus,dom
Dominant output voltage at pin LIN
VTxD = 0V
VTxD = 0V; Ibus = 40mA
0
-
0.15 x VBB
1.4
V
V
Ibus,sc
Bus short circuit current
Vbus,short = 18V
40
85
130
mA
Ibus,lk
Bus leakage current
VCC=VBB=0V; Vbus=8V
VCC=VBB=0V; Vbus=20V
-400
-200
5
20
µA
Rbus
Bus pull-up resistance
VTxD = 0V
20
30
47
k
Vbus,rd
Receiver threshold: recessive to dominant
0.4 x VBB
0.48 x VBB
0.6 x VBB
V
Vbus,dr
Receiver threshold: dominant to recessive
0.4 x VBB
0.52 x VBB
0.6 x VBB
V
Vq
Receiver hysteresis
Vbus,hys=Vbus,rec-Vbus,dom
0.05 x VBB
0.04 x VBB
0.175 x VBB
V
VWAKE
Wake-up threshold voltage
0.4 x VBB
0.6 x VBB
V
AMI Semiconductor
– Rev. 2.0, Apr. 2005
5
www.amis.com


Similar Part No. - AMIS-30600

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
AMIS-30600 ONSEMI-AMIS-30600_14 Datasheet
139Kb / 11P
   LIN Transceiver
December, 2014 ??Rev. 9
More results

Similar Description - AMIS-30600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com