Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60AM35SCTG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTC60AM35SCTG
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM35SCTG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTC60AM35SCTG Datasheet HTML 1Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 2Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 3Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 4Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 5Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 6Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 7Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APTC60AM35SCTG
www.microsemi.com
1 – 8
NT C2
OUT
VBUS
NT C1
0/VBUS
Q1
G1
Q2
S1
S2
G2
NTC2
S1
OUT
OUT
NTC1
VBUS
0/VBUS
G2
S2
G1
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
72
ID
Continuous Drain Current
Tc = 80°C
54
IDM
Pulsed Drain current
288
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
35
m
PD
Maximum Power Dissipation
Tc = 25°C
416
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
VDSS = 600V
RDSon = 35mΩ max @ Tj = 25°C
ID = 72A @ Tc = 25°C
Application
Motor control
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
Parallel SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
RoHS Compliant
Phase leg
Series & SiC parallel diodes
Super Junction
MOSFET Power Module


Similar Part No. - APTC60AM35SCTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC60AM35SCTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80A10SCT ADPOW-APTC80A10SCT Datasheet
312Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A15SCT ADPOW-APTC80A15SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90AM60SCTG MICROSEMI-APTC90AM60SCTG Datasheet
215Kb / 6P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80AM75SC ADPOW-APTC80AM75SC Datasheet
306Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC80AM75SCG MICROSEMI-APTC80AM75SCG Datasheet
300Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM24SCTG MICROSEMI-APTC60AM24SCTG Datasheet
240Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A10SCTG MICROSEMI-APTC80A10SCTG Datasheet
310Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60AM18SC ADPOW-APTC60AM18SC Datasheet
311Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com