Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-30623 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-30623
Description  LIN Microstepping Motordriver
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30623 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-30623 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-30623 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
AMIS-30623 LIN Microstepping Motordriver
Data Sheet
1.0 General Description
The AMIS-30623 is a single-chip microstepping motordriver with position controller and control/diagnostic interface. It is ready to build
dedicated mechatronics solutions connected remotely with a LIN master.
The chip receives positioning instructions through the bus and subsequently drives the motor coils to the desired position. The on-chip
position controller is configurable (OTP or RAM) for different motor types, positioning ranges and parameters for speed, acceleration
and deceleration. The advanced motion qualification mode enables verification of the complete mechanical system in function of the
selected motion parameters. The AMIS-30623 acts as a slave on the LIN bus and the master can fetch specific status information like
actual position, error flags, etc. from each individual slave node.
An integrated sensorless step-loss detection prevents the positioner from loosing steps and stops the motor when running into stall.
This enables silent, yet accurate position calibrations during a referencing run and allows semi-closed loop operation when approaching
the mechanical end-stops.
The chip is implemented in I2T100 technology, enabling both high voltage analog circuitry and digital functionality on the same chip.
The AMIS-30623 is fully compatible with the automotive voltage requirements.
2.0 Product Features
Motordriver
• Microstepping technology
• Sensorless step-loss detection
• Peak current up to 800mA
• Fixed frequency PWM current-control
• Automatic selection of fast and slow decay mode
• No external fly-back diodes required
• 14V/24V compliant
• Motion Qualification Mode
Controller with RAM and OTP memory
• Position controller
• Configurable speeds, and acceleration
• Input to connect optional motion switch
LIN interface
• Both physical and data-link layers (conform to LIN rev. 1.3)
• Field-programmable node addresses
• Dynamically allocated identifiers
• Full diagnostics and status information
Protection
• Over-current protection
• Under-voltage management
• Open circuit detection
• High-temp warning and management
• Low-temp flag
• LIN bus short-circuit protection to supply and ground
• Lost LIN safe operation
Power Saving
• Power-down supply current < 100µA
• 5V regulator with wake-up on LIN activity
EMI compatibility
• LIN bus integrated slope control
• HV outputs with slope control
1
AMI Semiconductor
– June 2006, Rev 3.0
www.amis.com


Similar Part No. - AMIS-30623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30623 ONSEMI-AMIS-30623 Datasheet
1Mb / 65P
   LIN Micro-Stepping Motor Driver
June 2008 ??Rev. 4
AMIS-30623 ONSEMI-AMIS-30623 Datasheet
620Kb / 61P
   Micro-stepping Motor Driver
May, 2009 ??Rev. 7
More results

Similar Description - AMIS-30623

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30621 AMI-AMIS-30621 Datasheet
2Mb / 43P
   LIN Microstepping Motordriver
AMIS-30622 AMI-AMIS-30622 Datasheet
2Mb / 35P
   I2C Microstepping Motordriver
AMIS-30624 AMI-AMIS-30624 Datasheet
2Mb / 56P
   I2C Microstepping Motordriver
AMIS-3062X AMI-AMIS-3062X Datasheet
966Kb / 2P
   Bus Microstepping Motordriver Family
logo
Melexis Microelectronic...
MLX81120 MELEXIS-MLX81120 Datasheet
328Kb / 2P
   LIN-TO-LIN GATEWAY
logo
ATMEL Corporation
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
   LIN SBC including LIN Transceiver
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
   Microstepping stepper motor drive
logo
List of Unclassifed Man...
IM1007 ETC2-IM1007 Datasheet
384Kb / 2P
   HIGH PERFORMANCE MICROSTEPPING DRIVER
logo
Allegro MicroSystems
A3967SLB ALLEGRO-A3967SLB Datasheet
545Kb / 16P
   MICROSTEPPING DRIVER WITH TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com