Part Name
         Description
APTC60HM70SCTG

 Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module ( 8 Page)


MICROSEMI
100% 
Zoom Out Zoom In
   
 6 page
background image
APTC60HM70SCTG
www.microsemi.com
6 – 8
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50 -25 0
25 50 75 100 125 150
T
J, Junction Temperature (°C)
VGS=10V
ID= 39A
Threshold Voltage vs Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TC, Case Temperature (°C)
Maximum Safe Operating Area
10 ms
1 ms
100µs
1
10
100
1000
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by RDSon
Single pulse
TJ=150°C
TC=25°C
Ciss
Crss
Coss
10
100
1000
10000
100000
0
102030
4050
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VDS=120V
VDS=300V
VDS=480V
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=39A
TJ=25°C
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTC60AM18SCGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60AM35SCTGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60HM35T3GFull - Bridge Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60DAM18CTGBoost chopper SiC FWD diode Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60DDAM70T3GDual boost chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60DSKM35T3GDual buck chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60DSKM70T3GDual buck chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT40N60JCU2ISOTOP Boost chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT40N60JCU3ISOTOP Buck chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60DDAM35T3GDual boost chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl