Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS39100AGA Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # AMIS39100AGA
Description  Octal High Side Driver with Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS39100AGA Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button AMIS39100AGA Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 14Page - AMI SEMICONDUCTOR AMIS39100AGA Datasheet HTML 15Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AMIS-39100: Octal High Side Driver with Protection
Data Sheet
t
50%
PD
V
OUTi
90% {V
Bi - 1V}
t_PD_recov
PC20070110.7
Figure 5: Timing for Power-down Recovery
CMD8
CMD1
CMD DRIVER
DIAG
8
DIAG
1
STATE DIAG
CMD8
CMD1
MEMOCMD
DIAG
8
DIAG
1
MEMODIAG
OUTx
High Side
Driver
CM Dx
DIAGx
DOUT
DIN
INPUT REGISTER
OUTPUT REGISTER
COMMAND
REGISTER
MEMORY
DIAG
Figure 6: SPI Block Diagram
11
AMI Semiconductor
– Jan. 07, M-20557-002
www.amis.com


Similar Part No. - AMIS39100AGA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
More results

Similar Description - AMIS39100AGA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
AMI SEMICONDUCTOR
AMIS-39101 AMI-AMIS-39101 Datasheet
526Kb / 15P
   Octal High-Side Driver with Protection
logo
ON Semiconductor
AMIS-39101 ONSEMI-AMIS-39101 Datasheet
164Kb / 12P
   Octal High Side Driver with Protection
December, 2008 ??Rev. 2
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
   Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
STMicroelectronics
IPS8160HQ STMICROELECTRONICS-IPS8160HQ Datasheet
2Mb / 28P
   Octal channel high-side driver
Rev 1 - December 2022
VN808SR STMICROELECTRONICS-VN808SR_08 Datasheet
392Kb / 17P
   Octal channel high side driver
VN808-E STMICROELECTRONICS-VN808-E Datasheet
488Kb / 17P
   Octal channel high side driver
VN808CM-E STMICROELECTRONICS-VN808CM-E Datasheet
441Kb / 18P
   Octal channel high side driver
VN808-32-E STMICROELECTRONICS-VN808-32-E Datasheet
536Kb / 18P
   Octal channel high side driver
VN808CM-32-E STMICROELECTRONICS-VN808CM-32-E Datasheet
440Kb / 18P
   Octal channel high side driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com