Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1551Q Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA1551Q
Description  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1551Q Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1551Q Datasheet HTML 7Page - NXP Semiconductors TDA1551Q Datasheet HTML 8Page - NXP Semiconductors TDA1551Q Datasheet HTML 9Page - NXP Semiconductors TDA1551Q Datasheet HTML 10Page - NXP Semiconductors TDA1551Q Datasheet HTML 11Page - NXP Semiconductors TDA1551Q Datasheet HTML 12Page - NXP Semiconductors TDA1551Q Datasheet HTML 13Page - NXP Semiconductors TDA1551Q Datasheet HTML 14Page - NXP Semiconductors TDA1551Q Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
July 1994
11
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
Table 2
READ definition (R/W = HIGH)
Notes
1. LOW after reading I2C-bus.
2. HIGH after power-on reset.
3. LOW if crystal temperature < 150
°C.
4. HIGH if crystal temperature reaches 150
°C.
5. LOW if not clipping.
6. HIGH if one or more channels are clipping.
7. output status information.
If the device is sinewave driven bit D4 will be HIGH if the THD in one or more channels exceeds 3.5%.
Table 3
Fault conditions
If more outputs are in a fault condition (e.g. short-circuit) then more bits, D3 to D0, will be HIGH.
D7(1)(2)
D6
D5(3)(4)
D4(5)(6)
D3(7)
D2(7)
D2(7)
D0(7)
DATA
MSB
D3
D2
D1
D0
FUNCTION
0
0
0
0
all output power transistors in the normal
safe operating condition
−−−
1
fault condition pin 6
−−
1
fault condition pin 8
1
−−
fault condition pin 10
1
−−
fault condition pin 12


Similar Part No. - TDA1551Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

Similar Description - TDA1551Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com