Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1551 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1551
Description  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1551 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1551 Datasheet HTML 1Page - NXP Semiconductors TDA1551 Datasheet HTML 2Page - NXP Semiconductors TDA1551 Datasheet HTML 3Page - NXP Semiconductors TDA1551 Datasheet HTML 4Page - NXP Semiconductors TDA1551 Datasheet HTML 5Page - NXP Semiconductors TDA1551 Datasheet HTML 6Page - NXP Semiconductors TDA1551 Datasheet HTML 7Page - NXP Semiconductors TDA1551 Datasheet HTML 8Page - NXP Semiconductors TDA1551 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
July 1994
5
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
FUNCTIONAL DESCRIPTION
The TDA1551Q contains four identical amplifiers with differential input stages (two inverting and two non-inverting) which
can be used in SE or BTL applications. The gain of each amplifier is fixed at 20 dB for SE and 26 dB for BTL. The device
also contains an I2C-bus facility which operates in the read or write mode.
In the write mode the device can be switched to either the sleep condition (low sleep current of 0.6 mA typ.), the MUTE
condition or the ON condition.
In the read mode an 8-bit status word is available. Data bits D0 to D3 contain status information of each of the 4 outputs.
If the device is switched to the ON or MUTE condition and there is a short-circuit at one or more outputs, the power
transistors will be outside their safe operating area consequently one or more bits of D0 to D3 will be HIGH. Bits D0 to
D3 are LOW when in the normal safe operating area. Bit D4 is normally LOW if one or more channels reaches the clipping
level D4 will go HIGH. Bit D5 is normally LOW, if the crystal temperature reaches 150
°C D5 will go HIGH. After a
power-on reset bit 7 will go HIGH and a dip in the power supply will be noticed. Bit 7 will go LOW after the I2C-bus is
read. When pin 9 is LOW the device will switch OFF and the supply current will be reduced to 0.1 mA (max.).
Fig.3 Thermal equivalent resistance network.
handbook, halfpage
virtual junction
4 K/W
0.8 K/W
0.1 K/W
6
8
10
12
MLA009


Similar Part No. - TDA1551

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

Similar Description - TDA1551

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com