Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC80H29SCTG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTC80H29SCTG
Description  Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC80H29SCTG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTC80H29SCTG Datasheet HTML 1Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 2Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 3Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 4Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 5Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 6Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTC80H29SCTG
www.microsemi.com
5 – 7
0.90
0.95
1.00
1.05
1.10
1.15
-50
0
50
100
150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
TJ, Junction Temperature (°C)
VGS=10V
ID= 7.5A
Threshold Voltage vs Temperature
0.7
0.8
0.9
1.0
1.1
1.2
-50
0
50
100
150
TC, Case Temperature (°C)
Maximum Safe Operating Area
100ms
1ms
100µs
0
1
10
100
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by
RDSon
Single pulse
TJ=150°C
TC=25°C
Ciss
Crss
Coss
10
100
1000
10000
0
1020
3040
50
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VDS=160V
VDS=400V
VDS=640V
0
2
4
6
8
10
12
14
16
0
20406080
100
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=15A
TJ=25°C


Similar Part No. - APTC80H29SCTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC80H29SCTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60HM45SCTG MICROSEMI-APTC60HM45SCTG Datasheet
244Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60HM70SCTG ADPOW-APTC60HM70SCTG Datasheet
343Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90H12SCTG MICROSEMI-APTC90H12SCTG Datasheet
218Kb / 6P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com