Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC80H29SCTG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTC80H29SCTG
Description  Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC80H29SCTG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTC80H29SCTG Datasheet HTML 1Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 2Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 3Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 4Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 5Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 6Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTC80H29SCTG
www.microsemi.com
2 – 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 800V
Tj = 25°C
25
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 800V
Tj = 125°C
250
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 7.5A
290
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 1mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
2254
Coss
Output Capacitance
1046
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
54
pF
Qg
Total gate Charge
91
Qgs
Gate – Source Charge
12
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 400V
ID = 15A
46
nC
Td(on)
Turn-on Delay Time
10
Tr
Rise Time
13
Td(off)
Turn-off Delay Time
83
Tf
Fall Time
Inductive switching @125°C
VGS = 15V
VBus = 533V
ID = 15A
RG = 5Ω
35
ns
Eon
Turn-on Switching Energy
146
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 533V
ID = 15A, RG = 5Ω
139
µJ
Eon
Turn-on Switching Energy
255
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 533V
ID = 15A, RG = 5Ω
171
µJ
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 85°C
30
A
IF = 30A
1.1
1.15
IF = 60A
1.4
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
0.9
V
Tj = 25°C
24
trr
Reverse Recovery Time
Tj = 125°C
48
ns
Tj = 25°C
33
Qrr
Reverse Recovery Charge
IF = 30A
VR = 133V
di/dt = 200A/µs
Tj = 125°C
150
nC


Similar Part No. - APTC80H29SCTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC80H29SCTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60HM45SCTG MICROSEMI-APTC60HM45SCTG Datasheet
244Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60HM70SCTG ADPOW-APTC60HM70SCTG Datasheet
343Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90H12SCTG MICROSEMI-APTC90H12SCTG Datasheet
218Kb / 6P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com