Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1553CQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1553CQ
Description  2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1553CQ Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1553CQ Datasheet HTML 1Page - NXP Semiconductors TDA1553CQ Datasheet HTML 2Page - NXP Semiconductors TDA1553CQ Datasheet HTML 3Page - NXP Semiconductors TDA1553CQ Datasheet HTML 4Page - NXP Semiconductors TDA1553CQ Datasheet HTML 5Page - NXP Semiconductors TDA1553CQ Datasheet HTML 6Page - NXP Semiconductors TDA1553CQ Datasheet HTML 7Page - NXP Semiconductors TDA1553CQ Datasheet HTML 8Page - NXP Semiconductors TDA1553CQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1995 Dec 15
5
Philips Semiconductors
Product specification
2
× 22 W stereo BTL car radio power amplifier with
loudspeaker protection and 3-state mode switch
TDA1553CQ
LIMITING VALUES
In accordance with the absolute maximum system (IEC 134).
THERMAL CHARACTERISTICS
In accordance with IEC 747-1.
SYMBOL
PARAMETER
CONDITION
MIN.
MAX.
UNIT
VP
positive supply voltage
operating
18
V
non-operating
30
V
load dump protection
during 50 ms;
tr ≥ 2.5 ms
45
V
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
−40
+85
°C
Tvj
virtual junction temperature
150
°C
Vpsc
AC and DC short-circuit safe voltage
18
V
energy handling capability at outputs
VP =0
200
mJ
Vpr
reverse polarity
6V
Ptot
total power dissipation
60
W
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Rth j-c
thermal resistance from junction to case (see Fig.3)
1.5
K/W
Fig.3 Equivalent thermal resistance network.
handbook, halfpage
2.8 K/W
0.1 K/W
2.8 K/W
virtual junction
output 1
output 2
case
MBG799


Similar Part No. - TDA1553CQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1553 PHILIPS-TDA1553 Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
More results

Similar Description - TDA1553CQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com