Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM19-11904 Datasheet(PDF) 1 Page - Bi technologies

Part # HM19-11904
Description  Toroid Style Common-Mode Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM19-11904 Datasheet(HTML) 1 Page - Bi technologies

  HM19-11904 Datasheet HTML 1Page - Bi technologies HM19-11904 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
6-67
Model HM19 Series
FEATURES
• Ferrite cores for high flux density
• Complies with UL, VDE safety requirements
• Low temperature rise
• Compact construction
• Varnish impregnation to ensure highest quality
• Custom designs available
APPLICATIONS
• Switching power supply
• Common mode EMI filter
• Office equipment
• Video and audio equipment
CONSTRUCTION
Specifications subject to change without notice.
MODEL HM19 SERIES
Toroid Style
Common-Mode Chokes
Ferrite
Core
Varnish
Impregnation
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Voltage Rating, Maximum
120/250 V
Insulation System
Class B, 130°C
Temperature Rise, Maximum
40°C


Similar Part No. - HM19-11904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM19-11904 ETC1-HM19-11904 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results

Similar Description - HM19-11904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
HM18 ETC-HM18 Datasheet
103Kb / 3P
   EE Style Common-Mode Chokes
logo
Bi technologies
HM28 BITECH-HM28_15 Datasheet
1,001Kb / 2P
   Buckle Style Core Common-Mode Chokes
HM28 BITECH-HM28 Datasheet
1Mb / 2P
   Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
   Buckle Style Core Common-Mode Chokes
logo
List of Unclassifed Man...
HM28 ETC-HM28 Datasheet
118Kb / 6P
   Buckle Style Core Common-Mode Chokes
logo
Pulse A Technitrol Comp...
PE-1206CCMC222STS PULSE-PE-1206CCMC222STS Datasheet
163Kb / 3P
   2-LINE CHIP STYLE COMMON MODE CHOKES
W712 PULSE-W712_16 Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
logo
Nuvotem Talema
CUJ-240-16E TALEMA-CUJ-240-16E Datasheet
118Kb / 2P
   Miniature Chip Style SMD Common Mode Filter Chokes
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com