Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM19-11901 Datasheet(PDF) 2 Page - Bi technologies

Part # HM19-11901
Description  Toroid Style Common-Mode Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM19-11901 Datasheet(HTML) 2 Page - Bi technologies

  HM19-11901 Datasheet HTML 1Page - Bi technologies HM19-11901 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6-68
Model HM19 Series
Current Rating
Inductance
DC
Part
@ 40˚C Rise
1 kHz
Resistance
Wire Guage
Number
Amps
mH Min.
Ω Max.
AWG (mm) (1)
Figure
HM19-12010
1.8
10.0
.240
22 (0.65)
1
HM19-11816
2.6
16.0
.160
18 (1.02)
2
HM19-11808
3.2
8.0
.120
19 (1.02)
2
HM19-12003
3.5
3.0
.060
20 (0.81)
1
HM19-11904
5.2
4.0
.040
19 (0.91)
2
HM19-11901
6.0
1.0
.020
19 (0.91)
1
HM19-11702
7.5
2.0
.020
17 (1.15)
2
(1)
(1)
(3)
(3)
(4)
(4)
(2)
(2)
Bottom View
Schemtatic
1.575
40.0
Max.
.15
3.8
.900
±.010
22.86
±0.25
.87
22.1
Max.
.600
±.010
15.24
±0.25
1.575
40.0
Max.
FIGURE 2 (Inch/mm)
SPECIFICATIONS
Note: (1) Nominal bare wire diameter.
(1)
(1)
(3)
(3)
(4)
(4)
(2)
(2)
Bottom View
Schemtatic
1.22
31.0
Max.
.15
3.8
.800
±.010
20.32
±0.25
.65
16.4
Max.
.400
±.010
10.15
±0.25
1.25
31.6
Max.
FIGURE 1 (Inch/mm)


Similar Part No. - HM19-11901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM19-11901 ETC1-HM19-11901 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results

Similar Description - HM19-11901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
HM18 ETC-HM18 Datasheet
103Kb / 3P
   EE Style Common-Mode Chokes
logo
Bi technologies
HM28 BITECH-HM28_15 Datasheet
1,001Kb / 2P
   Buckle Style Core Common-Mode Chokes
HM28 BITECH-HM28 Datasheet
1Mb / 2P
   Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
   Buckle Style Core Common-Mode Chokes
logo
List of Unclassifed Man...
HM28 ETC-HM28 Datasheet
118Kb / 6P
   Buckle Style Core Common-Mode Chokes
logo
Pulse A Technitrol Comp...
PE-1206CCMC222STS PULSE-PE-1206CCMC222STS Datasheet
163Kb / 3P
   2-LINE CHIP STYLE COMMON MODE CHOKES
W712 PULSE-W712_16 Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
logo
Nuvotem Talema
CUJ-240-16E TALEMA-CUJ-240-16E Datasheet
118Kb / 2P
   Miniature Chip Style SMD Common Mode Filter Chokes
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com