Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM55-12R40LF Datasheet(PDF) 3 Page - Bi technologies

Part # HM55-12R40LF
Description  Shielded Drum Compact Package Low Cost Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM55-12R40LF Datasheet(HTML) 3 Page - Bi technologies

  HM55-12R40LF Datasheet HTML 1Page - Bi technologies HM55-12R40LF Datasheet HTML 2Page - Bi technologies HM55-12R40LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
33
Ordering Information
Electrical Characteristics @ 25°C (Cont’d)
(B) Case size 26, 31 & 32
Inductance Code:
First 2 digits are significant. Last
digit denotes the number of trailing
zeros. For values below 10µH, ”R”
denotes the decimal point.
Case Size:
12 = Figure 2
24 = Figure 2
14 = Figure 2
26 = Figure 2
21 = Figure 1
31 = Figure 1
22 = Figure 2
32 = Figure 2
Model Series
HM55
21
1R3
LF
Lead-Free


Similar Part No. - HM55-12R40LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM55-12R40LF BITECH-HM55-12R40LF Datasheet
713Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
TT Electronics.
HM55-12R40LF TTELEC-HM55-12R40LF Datasheet
976Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
More results

Similar Description - HM55-12R40LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM55 ETC1-HM55 Datasheet
450Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
logo
TT Electronics.
HM55 TTELEC-HM55 Datasheet
976Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
Bi technologies
HM55 BITECH-HM55_15 Datasheet
713Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
List of Unclassifed Man...
SD7030-3R3-R ETC2-SD7030-3R3-R Datasheet
534Kb / 4P
   Low-Profile Shielded Drum Inductors
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
logo
Eaton All Rights Reserv...
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
   Low profile shielded drum core power inductors
SD6030 EATON-SD6030 Datasheet
595Kb / 4P
   Low profile shielded drum core power inductors
SD8350 EATON-SD8350 Datasheet
594Kb / 4P
   Low profile shielded drum core power inductors
logo
TT Electronics.
HM79S TTELEC-HM79S Datasheet
648Kb / 3P
   Shielded Drum Surface Mount Inductors
logo
Eaton All Rights Reserv...
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
   Low profile metalized shielded drum core power inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com