Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTDF400KK170G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTDF400KK170G
Description  Dual Common Cathode diodes Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF400KK170G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTDF400KK170G Datasheet HTML 1Page - Microsemi Corporation APTDF400KK170G Datasheet HTML 2Page - Microsemi Corporation APTDF400KK170G Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APTDF400KK170G
www.microsemi.com
3 - 3
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
T
J=25°C
T
J=25°C
T
J=125°C
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
Trr vs. Current Rate of Charge
200 A
400 A
800 A
200
300
400
500
600
700
800
0
5000 10000 15000 20000 25000
-diF/dt (A/µs)
TJ=125°C
V
R=900V
QRR vs. Current Rate Charge
200 A
400 A
800 A
80
120
160
200
240
280
320
0
5000 10000 15000 20000 25000
-diF/dt (A/µs)
T
J=125°C
V
R=900V
IRRM vs. Current Rate of Charge
200 A
400 A
800 A
200
400
600
800
1000
1200
1400
1600
0
5000 10000 15000 20000 25000
-diF/dt (A/µs)
TJ=125°C
V
R=900V
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Case Temperature (ºC)
Max. Average Forward Current vs. Case Temp.
Duty Cycle = 0.5
TJ=150°C
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTDF400KK170G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF400KK170 ADPOW-APTDF400KK170 Datasheet
233Kb / 3P
   Dual Common Cathode diodes Power Module
More results

Similar Description - APTDF400KK170G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF400KK120 ADPOW-APTDF400KK120 Datasheet
239Kb / 4P
   Dual Common Cathode diodes Power Module
logo
Microsemi Corporation
APTDF400KK100G MICROSEMI-APTDF400KK100G Datasheet
216Kb / 4P
   Dual Common Cathode diodes Power Module
APTDF400KK20G MICROSEMI-APTDF400KK20G Datasheet
215Kb / 4P
   Dual Common Cathode diodes Power Module
APTDF400KK120G MICROSEMI-APTDF400KK120G Datasheet
215Kb / 4P
   Dual Common Cathode diodes Power Module
logo
Advanced Power Technolo...
APTDF400KK60 ADPOW-APTDF400KK60 Datasheet
239Kb / 4P
   Dual Common Cathode diodes Power Module
APTDF400KK170 ADPOW-APTDF400KK170 Datasheet
233Kb / 3P
   Dual Common Cathode diodes Power Module
logo
Microsemi Corporation
APTDF400KK60G MICROSEMI-APTDF400KK60G Datasheet
215Kb / 4P
   Dual Common Cathode diodes Power Module
logo
Advanced Power Technolo...
APTDF400KK20 ADPOW-APTDF400KK20 Datasheet
239Kb / 4P
   Dual Common Cathode diodes Power Module
APTDF400KK100 ADPOW-APTDF400KK100 Datasheet
240Kb / 4P
   Dual Common Cathode diodes Power Module
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com