Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF10X60BTP2 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGF10X60BTP2
Description  Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF10X60BTP2 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGF10X60BTP2 Datasheet HTML 1Page - Advanced Power Technology APTGF10X60BTP2 Datasheet HTML 2Page - Advanced Power Technology APTGF10X60BTP2 Datasheet HTML 3Page - Advanced Power Technology APTGF10X60BTP2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APTGF10X60RTP2
APTGF10X60BTP2
APT website – http://www.advancedpower.com
3 - 4
IGBT & Diode Inverter Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 500µA
600
V
Tj = 25°C
0.5
500
µA
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
0.8
mA
Tj = 25°C
1.95
2.35
VCE(on) Collector Emitter on Voltage
VGE =15V
IC = 10A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 0.6 mA
4.5
5.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
300
nA
Cies
Input Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
600
pF
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
220
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 10A
RG = 82Ω
18
ns
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
35
Td(off)
Turn-off Delay Time
230
Tf
Fall Time
30
ns
Eoff
Turn off Energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 300V
IC = 10A
RG = 82Ω
0.3
mJ
Tj = 25°C
1.25
1.7
VF
Forward Voltage
VGE = 0V
IF = 10A
Tj = 125°C
1.2
V
Tj = 25°C
0.85
Qrr
Reverse Recovery Charge
IF = 10A
VR = 300V
di/dt=400A/µs
Tj = 125°C
1.35
µC
IGBT
1.5
RthJC
Junction to Case
Diode
2.3
°C/W
Temperature sensor NTC
Symbol Characteristic
Min
Typ
Max Unit
R25
Resistance @ 25°C
5
k
B 25/50
T25 = 298.16 K
3375
K
=
T
T
B
R
R
T
1
1
exp
25
50
/
25
25
3. Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max Unit
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
Torque Mounting torque
To Heatsink
M5
3.3
N.m
Wt
Package Weight
185
g
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGF10X60BTP2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF10X60BTP2 ADPOW-APTGF10X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
More results

Similar Description - APTGF10X60BTP2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF20X60BTP2 ADPOW-APTGF20X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15X60RTP2 MICROSEMI-APTGF15X60RTP2 Datasheet
245Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGS15X120BTP2 ADPOW-APTGS15X120BTP2 Datasheet
242Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS10X120BTP2 ADPOW-APTGS10X120BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF10X60BTP2 ADPOW-APTGF10X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF15X60BTP2 ADPOW-APTGF15X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF50X60BTP3 ADPOW-APTGF50X60BTP3 Datasheet
254Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGS25X120BTP2 ADPOW-APTGS25X120BTP2 Datasheet
242Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF50X60RTP3 ADPOW-APTGF50X60RTP3 Datasheet
258Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
APTGF30X60BTP2 ADPOW-APTGF30X60BTP2 Datasheet
241Kb / 4P
   Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com