Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710616 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-710616
Description  CIS PCB
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710616 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-710616 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710616 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AMIS-710616-AS: CIS PCB
Data Sheet
Product Specification
4.0 Physical Outline
Table 4-1: Physical Outline
Item
Specification
Note
Image sensors
AMIS-720639
See referenced image sensor data sheet
PCB stiffner board
PCB stiffner board size
≅355.6mm x 41.3mm x 6.35mm
Sensor PCB
Size
≈165.1mm x 21.4mm x 1.62mm
Two PCBs mounted on the stiffner
Data output
Eight analog video outputs
Sensor board connectors
Two I/O connectors
MOLEX 52610-1590
Used to connect to their respective output
amplifiers
Amplifier PCB board
Size
≈ 291.3mm x 76.2mm x 1.6mm
Amplifier board’s four connectors
Two inputs: MOLEX 52207-1950
Two outputs: ERNI-594083
Mounted are eight output amplifiers for each
of the video lines from the sensor boards
5.0 Recommended Operating Conditions (25
°C)
Table 5-1: Recommended Operating Conditions at 25
°C
Item
Symbol
Min.
Typ.
Max.
Units
VDD
4.5
5.0
5.5
V
IDD
135
150
165
ma
VSS
|-5.0|
|-5.5|
V
Power supply
ISS
45
60
ma
Video output levels
Vpavg
(1)
3.0
V
Video saturation output
VSATA
(2)
5.5
V
Video line saturation output
VSATV
(2)
1.2
V
Input voltage at digital high (input clocks, SP and CP)
VIH
VDD-1.0
VDD-.5
VDD+0.3
V
Input voltage at digital low (input clocks SP and CP)
VIL
0
0.8
V
Clock frequency
Freq
(3)
5.0
6.0
MHz
Clock pulse high duty cycle
Duty
(4)
25
75
%
Clock high duration
TPW
(3)(5)
83.3
100
Ns, at 50 percent duty
Integration time
Tint
192
µs/line
160
µs/line
Typical, tested @ 5.0MHz clock
Minimum, tested @ 6.0MHz clock
Operating temperature
Top
(6)
25
50
°C
Notes:
(1)
Vpavg is a symbol representing the average value of every pixel in the complete line scan. Vp(n) is the pixel amplitude of the nth pixel in a line scan. This
measurement is taken with the image array under a uniform light exposure. The typical output is specified with a uniform input light exposure of 0.5
µJ/cm2 from a
blue Led light source.
(2)
Two saturated video output levels are specified. One is at the video signal’s output amplifier, VSATA, and the other is at the input of the amplifier. In almost all
applications, because the integration time is usually too short, there is not enough exposure time to saturate the array sensors. Accordingly, each output amplifier
is fixed with a gain of
≅ 4.5.
(3)
Freq is generally fixed for any application for the following reasons: One is the exposure time. With a given light power, the exposure time of the sensor can be
related to the clock frequency. The second is the shape of the video output pulse. Because the output video is in pulse charge packets, the signals are processed
on the output video line of the sensors. Hence, the signal shape depends greatly upon the amplifier configurations. Please refer to the referenced AMIS-720639
data sheet. It has some brief outline application notes. Under Note 6 on Page 6, there is a discussion about video pulse shapes. On Page 8, 9 and 10 there are
discussions on the three types of signal output stages.
(4)
Duty is the ratio of the clock’s pulse width over its pulse period. Because the video pixel output resets during the clock pulse’s high period and because the reset
requires a finite resetting time, it is recommended to operate the clock duty cycle within the following limits. See the referenced data sheet in Note 3, above.
Noting that the larger the duty, the less the signal amplitude, while too short of a clock pulse will not provide enough video reset time and leaves residual charges,
the recommended duty is 25 percent for frequencies less than 5MHz and 50 percent for frequencies greater than 5MHz.
(5)
Tint is determined by the time interval between two start pulses, (SP). Hence, if the SP is generated from a clock count down circuit, it will be directly proportional
to the clock frequency and it will be synchronous with the clock frequency. The longest integration time is determined by the degree of leakage current degradation
that can be tolerated by the system. A 10ms maximum is a typical rule-of-thumb. An experienced CIS user can use his discretion and determine the desired
tolerance level for the given system.
(6)
Top is a conservative engineering estimate. It is based on measurements of similar CIS modules and simple bench top tests, using heat guns and freeze sprays.
These will be re-measured during the pilot production under the standard QA practices that are under the control of ISO 9000.
2
AMI Semiconductor – July 06, M-20595-001
www.amis.com


Similar Part No. - AMIS-710616

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710600 AMI-AMIS-710600 Datasheet
232Kb / 7P
   600dpi CIS Module
AMIS-710600-A8 AMI-AMIS-710600-A8 Datasheet
232Kb / 7P
   600dpi CIS Module
AMIS-710625 AMI-AMIS-710625 Datasheet
217Kb / 7P
   600pdi CIS Module
AMIS-710625-A6 AMI-AMIS-710625-A6 Datasheet
217Kb / 7P
   600pdi CIS Module
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
   600dpi CIS Modules
More results

Similar Description - AMIS-710616

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
   600DPI Image Sensor (CIS) PCB
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
AMIS-710625 AMI-AMIS-710625 Datasheet
217Kb / 7P
   600pdi CIS Module
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
   600dpi CIS Modules
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
   300DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
   200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
   200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com