Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF50DA120TG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGF50DA120TG
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50DA120TG Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGF50DA120TG Datasheet HTML 1Page - Microsemi Corporation APTGF50DA120TG Datasheet HTML 2Page - Microsemi Corporation APTGF50DA120TG Datasheet HTML 3Page - Microsemi Corporation APTGF50DA120TG Datasheet HTML 4Page - Microsemi Corporation APTGF50DA120TG Datasheet HTML 5Page - Microsemi Corporation APTGF50DA120TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTGF50DA120TG
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
500
µA
Tj = 25°C
3.2
3.7
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 50A
Tj = 125°C
4.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 1 mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20 V, VCE = 0V
100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
3450
Coes
Output Capacitance
330
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
220
pF
Qg
Total gate Charge
330
Qge
Gate – Emitter Charge
35
Qgc
Gate – Collector Charge
VGS = 15V
VBus = 600V
IC = 50A
200
nC
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
320
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 50A
RG = 5 Ω
30
ns
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
360
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 5 Ω
40
ns
Eon
Turn-on Switching Energy
Tj = 125°C
6.9
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 50A
RG = 5 Ω
Tj = 125°C
3.05
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 70°C
60
A
IF = 60A
2.0
2.5
IF = 120A
2.3
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.8
V
Tj = 25°C
400
trr
Reverse Recovery Time
Tj = 125°C
470
ns
Tj = 25°C
1200
Qrr
Reverse Recovery Charge
IF = 60A
VR = 800V
di/dt =200A/µs
Tj = 125°C
4000
nC


Similar Part No. - APTGF50DA120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DA120T1G MICROSEMI-APTGF50DA120T1G Datasheet
322Kb / 6P
   Boost chopper NPT IGBT Power Module
More results

Similar Description - APTGF50DA120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90DA60T1G MICROSEMI-APTGF90DA60T1G Datasheet
318Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120T1G MICROSEMI-APTGF100DA120T1G Datasheet
281Kb / 5P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DA60D1 ADPOW-APTGF75DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
APTGF90DA60D1 ADPOW-APTGF90DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DA60TG MICROSEMI-APTGF180DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF165DA60D1 ADPOW-APTGF165DA60D1 Datasheet
173Kb / 3P
   Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF350DA60G MICROSEMI-APTGF350DA60G Datasheet
274Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF90DA60TG MICROSEMI-APTGF90DA60TG Datasheet
287Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF100DA120TG MICROSEMI-APTGF100DA120TG Datasheet
286Kb / 6P
   Boost chopper NPT IGBT Power Module
APTGF300DA120D3G MICROSEMI-APTGF300DA120D3G Datasheet
218Kb / 5P
   Boost chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com