Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710650 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-710650
Description  Color CIS Module Analog Video Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710650 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710650 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710650 Datasheet HTML 9Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMIS-710650-A6: Color CIS Module
Data Sheet
Analog Video Output
CLK
1 Pixel
50%
VOUT
90%
50%
Prt
TS
Figure 5: Pixel Timing
ll tests were conducted at the typical pixel rate of 3.0MHz.
ck Timing Characteristics for Timing Diagrams
A
Table 6: Clo
Parameter
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
CLKp
250
250
ns
Clock pulse width
CLKpw
125
ns
Clock duty cycle
50
%
Prohibit crossing time SP
tprh
30
ns
Data setup time
Tset
30
ns
Data hold time
Thold
30
ns
Signal delay time
tdl
50
ns
Signal settling time
tst
130
ns
Signal fall time
tsigf
60
ns
Note
patible with CMOS clock drivers.
clock cycle time, as with minimum FREQ, must be consistent with maximum TINT. See Table 3, Note 3.
s:
(1)
All of the symbol definitions used in Table 6 are shown in the figures in Section 9.0. The clocks, CP and SP are com
(2)
Maximum
10.0 Maximum Ratings
Table 7: Maximum Ratings (Not to be Used for Contin
ation)
uous Oper
Parameter
S
l
ymbo
Spe
n
cificatio
Note
Power supply voltage
VDD
3.3V
Input voltage
VIN
VDD
SP & CP
Ambient temperature
TA (PCB surface)
-
Operational storage
0 to 50
°C
10 to +75
°C
Ambient humidity
HA
0 to 80%
Non-condensing
Maximum operating case temperature
PCB temperature
70 C
°
6
AMI Semiconductor – Aug. 06, M-20611-001
www.amis.com


Similar Part No. - AMIS-710650

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710651 AMI-AMIS-710651 Datasheet
279Kb / 9P
   Color CIS Module
AMIS-710651-A4 AMI-AMIS-710651-A4 Datasheet
279Kb / 9P
   Color CIS Module
More results

Similar Description - AMIS-710650

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710651 AMI-AMIS-710651 Datasheet
279Kb / 9P
   Color CIS Module
logo
Fairchild Semiconductor
KSC2688 FAIRCHILD-KSC2688 Datasheet
33Kb / 4P
   Color TV Chroma Output & Video Output
logo
AMI SEMICONDUCTOR
PI330MC-DR AMI-PI330MC-DR Datasheet
630Kb / 9P
   300DPI CIS Two Level Digital Output Module
PI310MC-DR AMI-PI310MC-DR Datasheet
652Kb / 10P
   300DPI CIS Two Level Digital Output Module
PI331MC-DR AMI-PI331MC-DR Datasheet
630Kb / 9P
   300DPI CIS Two Level Digital Output Module
PI216MC-DR AMI-PI216MC-DR Datasheet
625Kb / 9P
   200DPI CIS Two Level Digital Output Module
PI214MC-DR AMI-PI214MC-DR Datasheet
603Kb / 8P
   200DPI CIS Two Level Digital Output Module
AMIS-710330 AMI-AMIS-710330 Datasheet
292Kb / 9P
   300dpi CIS Two-Level Digital Output Module
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
   CIS Analog Signal Processor
logo
AMI SEMICONDUCTOR
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com