Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-720442 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # AMIS-720442
Description  400dpi Contact Image Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-720442 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button AMIS-720442 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-720442 Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AMIS-720442-A: 400dpi Contact Image Sensor
Data Sheet
8.0 Measuring the High Frequency Performance of the Devices
The AMIS-720442-A devices were tested on an A6 length standard CIS module’s PCB. Thirteen sensors were bonded on the PCB
board along with its support circuits, such as clock buffer circuits, the shunt switch, SW and its amplifier. The board’s video line
capacitance, input capacitance of SW and input capacitance of the amplifier become part of the CAP. The A6 PCB was selected
l charge. Note that the amplifier is a 1:1 buffer amplifier that serves to isolate the video line from the
easuring instruments. Further note that when the modules are produced, RIN is in the circuit as variable resistor. Then, in production
dustry and accepted in the low-cost CIS markets. Today, the users are turning towards the light guides or light pipes as the costs
the
age power that will be exposing image sensors, this is not always the case, for example, in designing and producing a CIS module.
because together with the shunt switch, SW, and with its amplifier input, the video line had a typical value of ~100pf, including its stray
from its PCB copper traces. Another reason for this selection is that the AMIS-720442-A wafer probe tests of these devices are
similarly setup using this method.
By removing RIN, the amplifier gain was set to one. Then with the total value of CAP at ~100pf the video pixels voltage amplitude gives
a measure of the approximate pixe
m
of the CIS modules, the video output amplitude, Vpavg, can be adjusted to the module’s specified level. This factory adjust is required
because the exposure is fixed (Exposure = Light Power x Time). For example, the module’s light power is fixed and integration’s time,
tint, is fixed. Note that tint is fixed in accordance to requirements of the user or is specified for the factory adjustment procedure during
production. In either case, the light exposure is fixed. Accordingly, to adjust the voltage amplitude to the specified level, RIN is used.
Since the sensor response varies as a function of color, the AMIS-720442-A is measured with a Yellow-Green LED light source, as well
as the Red (660nm) LED light source. The light sources were selected because historically, these LED light bars were used in the CIS
in
have been reduced and the technology of the image sensor continually improves. Yet, in low-cost applications and especially in mid-
size volume production, the light bars and the older image sensors persistently continues to be in demand by the scanning industry.
The high frequency performance specifications are graphical curves showing the video output, Vpavg, response to its applied light
exposure. Although four exposure response graphs serve as good design reference for the designer who has prior knowledge of
im
So to this end, the A6 PCB board, used to characterize the light exposure to video response specification, is enclosed in its A6 module
housing and measured for its standard CIS parameters. These modules were fabricated exactly as their production counter-part except
that the gain of the amplifier is set one. The measurements were conducted with two different LED bars, one Yellow-Green and the
other Red.
7
AMI Semiconductor – May 06, M-20571-001
www.amis.com


Similar Part No. - AMIS-720442

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720233-B AMI-AMIS-720233-B Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720341-A AMI-AMIS-720341-A Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
More results

Similar Description - AMIS-720442

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com