Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-720649 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-720649
Description  Contact Image Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-720649 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-720649 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMIS-720649: Contact Image Sensor
Data Sheet
5.3 Wafer Scribe Line
Figure 3 outlines the scribe line dimensions surrounding the sensor die on a wafer.
55µm
55µm
60µm
60µm
15µm
380µm
14560µm
Figure 3: Wafer Scribe Line
6.0 Electro-Optical Specifications
Table 2 lists the electro-optical specifications of the AMIS-720649 sensor at 25
°C and Vdd = 5.0V.
Table 2: Electro-Optical Specifications
Parameter
Symbol
Min.
Typical
Max.
Units
Number of pixels
344
344
Pixel-to-pixel spacing
42.3
42.3
µm
Sensitivity
(1)
Sv
665
V /
µJ / cm2
Saturation voltage
(2)
Vsat
2.0
V
Photo-response non-uniformity
(3)
Up
7.5
%
Adjacent photo-response non-uniformity
(4)
Upn
7.5
%
Dark output voltage level
(5)
Vd
0.7
V
Dark output non-uniformity
(6)
Ud
100
mV
Random thermal noise (rms)
(7)
Vno
4
mV
Sensor-to-sensor photo-response non-uniformity
(8)
Usensor
7.5
%
Photo response linearity
(9)
PRL
2.0
%
Notes for Table 2 are listed on the next page under “Definitions of Electro-Optical Specifications”.
5
AMI Semiconductor
– Dec. 05, M-20488-001
www.amis.com


Similar Part No. - AMIS-720649

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
More results

Similar Description - AMIS-720649

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com