Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-722402 Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # AMIS-722402
Description  Contact Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-722402 Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button AMIS-722402 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AMIS-722402: Contact Image Sensor
Data Sheet
6.0 Recommended Operating Conditions
Table 4 lists the recommended operating conditions @ 25
°C.
Table 4: Recommended Operating Conditions @ 25
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Power supply
Vdd
3.0
3.3
3.6
V
Clock input voltage high level
(1)
2.4
3.3
3.6
V
Clock input voltage low level
(1)
0
0
0.8
V
Power supply current
IDD (sensor during readout)
IDD (sensor between readouts)
IDD (15 chip module)
8
3.0
50
12
4.5
75
mA
mA
mA
Reference voltage
(2)
VREF
0
0.35
0.8
V
Clock frequency
(3)
0.5
2.5
3.0
MHz
Pixel rate
(4)
0.5
2.5
3.0
MHz
Integration time @ 2400dpi
(line scan rate)
(5)
First die
Subsequent die
Tint
477
459
µs
µs / die
Clock pulse duty cycle
(6)
50
%
Notes:
1.
Applies to all clocks; GBST, SI and CLK.
2.
The dark level is set by the voltage on VREF and is recommended to be set externally to a voltage of 0.35V for optimal module operation.
3.
Although the device will operate with a pixel rate of less than 500kHz, it is recommended that the device be operated above 500kHz to maintain performance
characteristics. Operating below 500kHz may result in leakage current degradation.
4.
One pixel is clocked out for every clock cycle.
5.
Tint is the integration time of a single sensor and is the time between two SIs. The minimum integration time is the time it takes to clock out 75 inactive pixels and
1376 active pixels for the 2400dpi mode, 75 inactive pixels and 688 active pixels for the 1200dpi mode, 75 inactive pixels and 344 active pixels for 600dpi mode,
75 inactive pixels and 172 active pixels for 300dpi mode, at a given frequency.
However, if several sensors are cascaded together in a module then the minimum integration time for the 2400dpi mode is the time it takes to clock out 75 inactive
pixels and 1376 active pixels from the first sensor and 1376 pixels from each of all subsequent sensors, at a given frequency.
For cascaded sensors in the 1200dpi mode, the minimum integration time is the time it takes to clock out 75 inactive pixels and 688 active pixels from the sensor
and 688 pixels from each of all subsequent sensors, at a given frequency.
Similarly, for cascaded sensors in the 300dpi mode, the minimum integration time is the time it takes to clock out 75 inactive pixels and 172 active pixels from the
first sensor and 172 pixels from each of all subsequent sensors, at a given frequency.
6.
The clock duty cycle is defined as the ration of the positive duration of the clock to its period.
7.0 Absolute Maximum Ratings
Table 5 lists the absolute maximum ratings.
Table 5: Absolute Maximum Ratings
Parameter
Max.
Units
Power supply voltage (Vdd)
5
V
Clock input voltage high level
(1)
Vdd + 0.2
V
Clock input voltage low level
(1)
-0.5
V
Operating temperature
-10 to +50
°C
Operating humidity
+10 to +85
RH%
Storage temperature
-25 to +75
°C
Storage humidity
+10 to +90
RH%
Note:
1.
Applies to all clocks; GBST, SI and CLK.
8
AMI Semiconductor
– Jan. 06, M-20499-004
www.amis.com


Similar Part No. - AMIS-722402

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMIS-72 ADVANTECH-AMIS-72 Datasheet
1Mb / 4P
   TeleHealth Cart
15-Jun-2021
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720233-B AMI-AMIS-720233-B Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720341-A AMI-AMIS-720341-A Datasheet
1Mb / 16P
   Contact Image Sensor
More results

Similar Description - AMIS-722402

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com